Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMIM250BU5H5 Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # HMIM250BU5H5
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIM250BU5H5 Datasheet(HTML) 7 Page - Sensortechnics GmbH

Back Button HMIM250BU5H5 Datasheet HTML 3Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 4Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 5Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 6Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 7Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 8Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 9Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 10Page - Sensortechnics GmbH HMIM250BU5H5 Datasheet HTML 11Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HMI Series
Amplified pressure sensors
7/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
dimensions in mm
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
first angle projection
HMI...U7... (SIL, 2 ports axial opposite side, barbed)
High pressure port
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3L
C
S
4A
D
S


Similar Part No. - HMIM250BU5H5

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMI EATON-HMI Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
HMI EATON-HMI Datasheet
271Kb / 1P
   Automotive fast-acting glass fuse
logo
HITRON ELECTRONICS CORP...
HMI100 HITRON-HMI100 Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100-D050I HITRON-HMI100-D050I Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
HMI100-D050K HITRON-HMI100-D050K Datasheet
104Kb / 3P
   UNIVERSAL INPUT AC-DC MEDICAL APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 100 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com