Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPH50SP4480HLG Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SPH50SP4480HLG
Description  SURGE PROTECTION MADE SIMPLE??FOR COMMERCIAL & INDUSTRIAL APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPH50SP4480HLG Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SPH50SP4480HLG Datasheet HTML 1Page - Cooper Bussmann, Inc. SPH50SP4480HLG Datasheet HTML 2Page - Cooper Bussmann, Inc. SPH50SP4480HLG Datasheet HTML 3Page - Cooper Bussmann, Inc. SPH50SP4480HLG Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0213
BU-SB13145
Page 3 of 4
Data Sheet 2163
Rated System
MCOV
Voltage Protection Ratings (VPRs)
Catalog Number
Voltage (Vo)
(VC)
L-N
L-L
L-G
N-G
SPH50SP1120SN
120V
150V
700
——
SPH50SP1240SN
240V
320V
1200
——
SPH50SP1347SN
347V
420V
1500
——
SPH50SP2120SNG
120V
150V
700
1200
700
SPH50SP2240SNG
240V
320V
1200
2500
1200
SPH50SP2347SNG
347V
420V
1500
2500
1500
SPH50SP2240PN
120V/240V
150V
700
1200
——
SPH50SP2480PN
240V/480V
320V
1200
2500
——
SPH50SP3240PNG
120V/240V
150V
700
1200
1200
700
SPH50SP3480PNG
240V/480V
320V
1200
2500
2500
1200
SPH50SP3240DLG
240V
320V
2500
1200
SPH50SP3480DLG
480V
550V
3000
1800
SPH50SP4240HLG
120/240V
150V/320V
700/1200
1200/2500
1200/2500
700/1200
SPH50SP4480HLG
240/480V
320V/550V
1200/1800
2500/3000
2500/3000
1200/1800
SPH50SP3208WYG
208V
150V
1200
700
SPH50SP3480WYG
480V
320V
2500
1200
SPH50SP3600WYG
600V
420V
2500
1500
SPH50SP4208WYNG
208Y/120V
150V
700
1200
1200
700
SPH50SP4480WYNG
480Y/277V
320V
1200
2500
2500
1200
SPH50SP4600WYNG
600Y/347V
420V
1500
2500
2500
1500
Voltage Protection Ratings (VPRs)
easy
ID™ LED Status Indicator
The
easyID™ LED status indicator will illuminate when the unit is
properly installed and the system or equipment being protected is
energized. The following LED color/status indicates:
GREEN LED = Good
The circuit is energized and
protected.
RED LED = Replace
The circuit is
energized
and unprotected.
The unit
needs replacing.
LED is Out / Unlit:
•The circuit is most likely deenergized
• The unit’s leads are disconnected
• The unit is damaged
Authorized personnel should follow all prescribed lockout/tagout and safety procedures in troubleshooting
the cause for the above conditions. Opening SurgePOD HEAVY DUTY enclosure will void UL listing and warranty.
Tighten locknut to
20.3 Lb-In (2.3N•m)
For NEMA 4X installation,
install appropriate customer
supplied gasket between
SurgePOD™ HEAVY DUTY
SPD and enclosure wall.
Mounting
SurgePOD HEAVY DUTY is a panel mount device. It may also
be mounted using a customer supplied bracket or directly
onto a female threaded conduit fitting.
† 600V Wye versions are not CSA Certified.


Similar Part No. - SPH50SP4480HLG

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH5014FT SUPERWORLD-SPH5014FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-2R2NZF SUPERWORLD-SPH5014FT-2R2NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-3R3NZF SUPERWORLD-SPH5014FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5014FT-4R7NZF SUPERWORLD-SPH5014FT-4R7NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
More results

Similar Description - SPH50SP4480HLG

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SPP40SP1120SN COOPER-SPP40SP1120SN Datasheet
825Kb / 3P
   SURGE PROTECTION MADE SIMPLE??FOR LIGHT COMMERCIAL & RESIDENTIAL APPLICATIONS
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
   Voltage Comparator For Commercial Industrial Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Ledil, Inc.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
   ~60째 medium beam for industrial applications. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
   ~25째 spot beam for industrial applications. Variant made from PC.
C17266 LEDIL-C17266 Datasheet
2Mb / 3P
   ~90째 wide beam for industrial applications. Variant made from PC.
logo
List of Unclassifed Man...
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com