Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDR Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KDR
Description  250V and 600V cable limiters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KDR Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KDR Datasheet HTML 1Page - Cooper Bussmann, Inc. KDR Datasheet HTML 2Page - Cooper Bussmann, Inc. KDR Datasheet HTML 3Page - Cooper Bussmann, Inc. KDR Datasheet HTML 4Page - Cooper Bussmann, Inc. KDR Datasheet HTML 5Page - Cooper Bussmann, Inc. KDR Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
250V UH Series
Catalog Symbol: UH__
Applications:
The 250Vac UH cable limiters are deisnged specifically for use
in residentail applications.
Ratings:
Volts: up to 250Vac
Interrupting Rating: 100kA, RMS Sym.
Terminals:
Center bolt-to-offset bolt — copper or aluminum conductors
Conductors:
Copper or aluminum conductors are permitted per the listed
cable size. Select the catalog symbol for the system conductor
size in the table below.
Dimensions - in (mm)
Catalog
symbol
Copper
cable size
Aluminum
cable size
A
1
A
2
B
C
D
E
F
G
H
I
UHA
2/0AWG
4/0AWG
1.06 (27.0)
1.19 (30.2) 1.44 (36.5) 1.00 (25.4) 0.75 (19.0) 0.12 (3.2)
0.56 (14.3) 0.19 (4.8)
0.59 (15.1) 0.41 (10.3)
UHJ-M
3/0AWG
250kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
UHJ-T
350kcmil
500kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
UHJ-W
600kcmil
800kcmil
1.53 (38.9) 1.75 (44.4) 1.59 (40.5) 1.50 (38.1) 1.00 (25.4) 0.25 (6.3)
0.87 (22.2) 0.34 (8.6)
0.69 (17.5) 0.56 (14.3)
C
A1
F
B
A2
E
D
E
I
G
H
Bolt
terminal
detail


Similar Part No. - KDR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KDR EATON-KDR Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105 KEC-KDR105 Datasheet
21Kb / 1P
   USM PACKAGE
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
63Kb / 1P
   SOT-23 PACKAGE
More results

Similar Description - KDR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
LFCL0500ZC6 LITTELFUSE-LFCL0500ZC6 Datasheet
650Kb / 3P
   LFCL CABLE LIMITERS
Rev: 101017
logo
Eaton All Rights Reserv...
UHA EATON-UHA Datasheet
1Mb / 5P
   250 V and 600 V cable limiters
logo
Littelfuse
LFCL-500-C-1 LITTELFUSE-LFCL-500-C-1 Datasheet
425Kb / 1P
   Cable Limiters - 600 Volts AC
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com