Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMIP100UU7H5 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HMIP100UU7H5
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIP100UU7H5 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HMIP100UU7H5 Datasheet HTML 1Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 2Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 3Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 4Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 5Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 6Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 7Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 8Page - Sensortechnics GmbH HMIP100UU7H5 Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HMI Series
Amplified pressure sensors
1/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 100 mbar to 10 bar, 1 to 150 psi
gage or differential pressure
· Increased media compatibility1
· Digital I²C bus output
· Precision ASIC signal conditioning
· Calibrated and temperature compensated2
· SIL and DIP housings
· RoHS compliant
· Quality Management System according
to ISO 13485:2003 and ISO 9001:2008
ELECTRICAL CONNECTION
1
3
8
2
HMI
100 nF
100 nF
5
SDA
SCL
GND
+Vs
C
MEDIA COMPATIBILITY1,2
High pressure port: To be used with gases and
liquids which are compatible with the wetted
materials (high temperature polyamide, ceramic
AL
2O3, epoxy, fluorosilicone, glass, silicon).
Low pressure port: To be used with non-corrosive,
non-ionic working fluids such as clean dry air, dry
gases and the like.
DIP versions
1
3
4
2
HMI
100 nF
SDA
SCL
GND
+Vs
SIL versions
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
HMI...3
2.7 ... 4.2 V
DC
HMI...5
4.2 ... 5.5 V
DC
max. 6.5 V
DC
Output current
Sink
1 mA
Source
1 mA
Environmental
Temperature ranges
Compensated
-20 ... +85 °C
Operating
-20 ... +85 °C
Storage3
-40 ... +125 °C
Humidity limits (non-condensing)
...95 %RH10
(100 % condensing or direct liquid media on high pressure port1)
Vibration
max. 10 g, 10...2000 Hz, random
(EN 60068-2-64)
Mechanical shock
max. 50 g, 11 ms
(EN 60068-2-27)
Lead solder temperature
max. 270 °C
(JESD22-B106D)


Similar Part No. - HMIP100UU7H5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIP63BCTO SCHNEIDER-HMIP63BCTO Datasheet
218Kb / 4P
   Modular box PC, Harmony P6, standard Intel Core i3 8145UE, 2 Core, 4 Threads, for configured products
May 2, 2022
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
   Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
HMIPELCZLSPMZZ SCHNEIDER-HMIPELCZLSPMZZ Datasheet
148Kb / 2P
   Professional buildtime license, EcoStruxure Operator Terminal Expert, Printed
Sep 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com