Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-812C46AUA-C3A-T2 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-812C46AUA-C3A-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C46AUA-C3A-T2 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-812C46AUA-C3A-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-812C46AUA-C3A-T2 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
7
5. Dropout voltage (Vdrop)
This parameter indicates the difference between the input voltage (VIN1) and the output voltage when output
voltage falls to 98 % of VOUT (E) by gradually decreasing the input voltage (VIN).
Vdrop = VIN1-[VOUT(E) × 0.98]
6. Temperature coefficient of output voltage [
∆V
OUT/(
∆Ta V
OUT)]
The output voltage lies in the shaded area in the whole operating temperature shown in figure 8 when the
temperature coefficient of the output voltage is
±100 ppm/°C.
-40
25
+0.30mV/
°C
VOUT
[V]
VOUT (E) is a measured value of
output voltage at 25
°C.
VOUT(E)
85
Ta [
°C]
-0.30mV/
°C
Figure 8 Example for the S-812C30A
Temperature change ratio for output voltage [mV/°C] is calculated by using the following equation.
[]
[ ]
[]
V
Ta
mV/ C
V
(S) V
V
Ta V
ppm/ C
1000
OUT
OUT
OUT
OUT
°=
×
°÷
„ Description of Operation
1. Basic operation
Figure 9 shows the block diagram of the S-812C
series.
The error amplifier compares a reference voltage
Vref with a part of the output voltage divided by the
feedback resistors Rs and Rf, and supplies the gate
voltage to the output transistor, necessary to ensure
certain output voltage independent from change of
input voltage and temperature.
2. Output transistor
The S-812C Series uses a Pch MOS transistor as the output transistor.
The voltage at VOUT must not exceed VIN+0.3V. When the VOUT voltage becomes higher than that of VIN,
reverse current flows and may break the regulator since a parasitic diode between VOUT and VIN exists
inevitably.
Reference
voltage
VOUT
*
* : Parasitic diode
VSS
VIN
Rs
Rf
Figure 9 Block Diagram
Error amplifier
Current
source
Vref
Specified output voltage
Output voltage temperature coefficient
Temperatures change ratio for output voltage


Similar Part No. - S-812C46AUA-C3A-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C46AUA-C3AT2G SII-S-812C46AUA-C3AT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C46AUA-C3AT2X ABLIC-S-812C46AUA-C3AT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C46AUA-C3A-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com