Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMTA06 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # FMMTA06
Description  SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTA06 Datasheet(HTML) 4 Page - Zetex Semiconductors

  FMMTA06_15 Datasheet HTML 1Page - Zetex Semiconductors FMMTA06_15 Datasheet HTML 2Page - Zetex Semiconductors FMMTA06_15 Datasheet HTML 3Page - Zetex Semiconductors FMMTA06_15 Datasheet HTML 4Page - Zetex Semiconductors FMMTA06_15 Datasheet HTML 5Page - Zetex Semiconductors FMMTA06_15 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMTA06
SEMICO NDUC TORS
ISSUE 2 - MAY 2004
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
V (BR)CBO
80
V
IC=1 mA
Collector-emitter breakdown voltage
V (BR)CEO
80
V
IC= 10mA*
Emitter-base breakdown voltage
V (BR)EBO
4V
IE= 100 A
Collector-emitter cut-off current
ICES
100
nA
V CES= 60V
Collector-base cut-off current
ICBO
100
nA
V CB= 80V
Static forward current transfer ratio
HFE
50
50
120
IC= 10mA, VCE=1 V*
IC= 100mA, VCE=1 V*
Collector-emitter saturation voltage
V CE(sat)
0.25
V
IC= 100mA, IB= 10mA*
Base-emitter turn-on voltage
V BE(on)
1.2
V
IC=0 .1 A, VCE=1 V*
Transition frequency
fT
100
IC= 10mA, VCE=2 V,
f= 100MHz
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated)
NOTES
* Measured under pulsed conditions. Pulse width= 300 S. Duty cycle
2%


Similar Part No. - FMMTA06_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTA06TA DIODES-FMMTA06TA Datasheet
98Kb / 6P
   SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
More results

Similar Description - FMMTA06_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTA06 DIODES-FMMTA06 Datasheet
98Kb / 6P
   SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BCW66HTA ETC-BCW66HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
List of Unclassifed Man...
BSS66 ETC-BSS66 Datasheet
34Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT617 DIODES-FMMT617 Datasheet
307Kb / 4P
   SOT23 NPN SILICON POWER
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com