Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN302HLMY_F117 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN302HLMY_F117
Description  PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN302HLMY_F117 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN302HLMY_F117 Datasheet HTML 1Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 2Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 3Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 4Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 5Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 6Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 7Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 8Page - Fairchild Semiconductor FAN302HLMY_F117 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN302HLMY_F117 • Rev. 1.0.1
3
Marking Information
Figure 4.Top Mark
Pin Configuration
Figure 5. Pin Assignments
Pin Definitions
Pin #
Name
Description
1
CS
Current Sense
. This pin connects a current-sense resistor to sense the MOSFET current for
Peak-Current-Mode control for output regulation. The current-sense information is also used to
estimate the output current for CC regulation.
2
GATE
PWM Signal Output
. This pin has an internal totem-pole output driver to drive the power
MOSFET. It is internally clamped at 15V.
3
VDD
Power Supply
. IC operating current and MOSFET driving current are supplied through this pin.
This pin is typically connected to an external VDD capacitor.
4
VS
Voltage Sense
. This pin detects the output voltage information and diode current discharge
time based on the voltage of the auxiliary winding.
5
GND
Ground
6
FB
Feedback
. Typically, an opto-coupler is connected to this pin to provide feedback information to
the internal PWM comparator. This feedback is used to control the duty cycle in CV regulation.
7
NC
No Connect
8
HV
High Voltage
. This pin connects to the DC bus for high-voltage startup.
HV
NC
FB
GND
CS
GATE
VDD
VS
F
- Fairchild Logo
Z: Assembly Plant Code
X: Year Code
Y: Week Code
TT: Die Run Code
T: M=SOIC
P: Y= Green Package
M: Manufacture Flow Code


Similar Part No. - FAN302HLMY_F117

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results

Similar Description - FAN302HLMY_F117

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com