Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-9900 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DS-9900
Description  9900 Series Oval Flowmeter/Transmitter with SMART METER MANAGER?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DS-9900 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DS-9900 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 3Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 4Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 5Page - List of Unclassifed Manufacturers DS-9900 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
9900 Series Oval Flowmeter/Transmitter
with SMART METER MANAGER™
• 2-Wire loop powered flowmeter/transmitter
• 316 Stainless steel measuring unit
• Automatic temperature compensation
• Pocketless measuring chamber
• Low pressure drop
• 2-Wire mass or volume output
• 4-20 mA analog output with HART® com-
munication
• Smart Meter Manager™ can be located in
UMB
• User configurable, scalable pulse output
• Comprehensive alarms for both process
flow and internal diagnostic checks
• Easy access programming
• 10-Point meter factor linearization
• UL/cUL listed NEMA 4X
• Intrinsically safe
DESCRIPTION
The Brodie 9900 Series Oval Flowmeter/Transmitter with
Smart Meter Manager™ (SMM) is a very high accuracy,
positive displacement meter which utilizes microprocessor
based electronics to provide multivariable flow computation
and output for volumetric and mass measurement
requirements. It is designed for use in the chemical,
industrial, food and beverage, pharmaceutical and
hydrocarbon process industries.
One of the most significant features of these meters is
their ability to handle both low and high viscosity products
with a low pressure drop across the meter. They are
supplied in a compact, 3-piece design which uses both
front and rear flanges instead of the closed-end body
configuration found in traditional oval flowmeters.
Available sizes are 1/2” through 3”.
“Smart Meter Manager inside” best defines the Brodie 9900
Oval Flowmeter/Transmitter. Past products have only
delivered simple square wave pulse outputs that
represented raw unfactored meter pulses (K-Factors).
K-Factors require additional processing by a secondary
piece of electronics to convert to engineering units or
factored 4-20 mA analog output. The need for secondary
electronics, additional wiring and power supplies can be
eliminated by using the SMART METER MANAGERTM
SMM is a multivariable flow computer that fits inside the
standard Brodie UMB (Universal Mounting Box). Because
the SMM only requires 4-20 mA Loop power, it hooks up
as a simple 2-wire transmitter. The SMM expands the
capability of the Oval to include factored 2-wire, 4-20 mA
output, and with ATC (Automatic Temperature
Compensator) the once simple K-Factor now represents
both corrected volume and mass flow. This can be in the
form of a 4-20 mA output, gross total and/or inventory
total. In addition, transistor contacts provide scaled pulse
outputs in both net and gross values. An additional contact
provides an alarm output. This expanded capability is
enhanced by HART® communications and the ability to
use the standard 275 HART communicator.
Design Specifications
DS-9900
Revision 04
Power Pulse Oval
with Smart Meter
Manager
®
LA
SSIFIE


Similar Part No. - DS-9900

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-980 ADVANTECH-DS-980 Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GB-00A1E ADVANTECH-DS-980GB-00A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GF-U3A1E ADVANTECH-DS-980GF-U3A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GF-U4A1E ADVANTECH-DS-980GF-U4A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
DS-980GL-00A1E ADVANTECH-DS-980GL-00A1E Datasheet
964Kb / 3P
   Maximize the Impact of Your Message with Six-Display Video Wall Solutions
More results

Similar Description - DS-9900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
   Intelligent Manager Smart PMU/GPIO
logo
Texas Instruments
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
[Old version datasheet]   Compliant Wireless Power Transmitter Manager
logo
Linear Technology
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
logo
Texas Instruments
BQ500210 TI1-BQ500210 Datasheet
608Kb / 23P
[Old version datasheet]   Qi Compliant Wireless Power Transmitter Manager
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com