Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1233A Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1233A
Description  3.3V EconoReset
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1233A Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1233A_09 Datasheet HTML 1Page - Dallas Semiconductor DS1233A_09 Datasheet HTML 2Page - Dallas Semiconductor DS1233A_09 Datasheet HTML 3Page - Dallas Semiconductor DS1233A_09 Datasheet HTML 4Page - Dallas Semiconductor DS1233A_09 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS1233A
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground
-0.5V to VCC +0.5V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
C to +85C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
1.2
3.3
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
C to +85C; V
DD = 3.3V  10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Low Level @ RST
VOL
0.4
V
1
Output Current @ 0.4V
IOL
+8
mA
Operating Current
ICC
50
A
VCC Trip Point 10%
VCCTP1
2.80
2.88
2.97
V
1
VCC Trip Point 15%
VCCTP2
2.64
2.72
2.80
V
1
Output Capacitance
COUT
10
pF
Pushbutton Detect
PBDV
0.8
2.0
V
1
Pushbutton Release
PBRD
0.3
0.8
V
1, 2
Internal Pull-Up Resistor
RP
3.75
5
6.25
k
AC ELECTRICAL CHARACTERISTICS
(-40
C to +85C; V
CC = 3.3V  10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Reset Active Time
tRST
250
350
450
ms
VCC Detect to RST
tRPD
100
ns
VCC Slew Rate (2.85V - 2.3V)
tF
300
s
VCC Slew Rate (2.3V - 2.85V)
tR
0
ns
Pushbutton Debounce
PBDB
250
350
450
ms
VCC Detect to RST
tRPU
250
350
450
ms
NOTES:
1) All voltages are referenced to ground.
2) With a 100pF to 0.01
F capacitor connected from RST to ground.
4 of 5


Similar Part No. - DS1233A_09

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1233A-10 DALLAS-DS1233A-10 Datasheet
57Kb / 5P
   5V EconoReset
DS1233A-10 DALLAS-DS1233A-10 Datasheet
121Kb / 5P
   3.3V EconoReset
DS1233A-10 DALLAS-DS1233A-10 Datasheet
116Kb / 5P
   5V EconoReset
DS1233A-10 DALLAS-DS1233A-10 Datasheet
50Kb / 5P
   5V EconoReset
logo
Maxim Integrated Produc...
DS1233A-10 MAXIM-DS1233A-10 Datasheet
120Kb / 5P
   5V EconoReset
041002
More results

Similar Description - DS1233A_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1233A MAXIM-DS1233A Datasheet
106Kb / 5P
   3.3V EconoReset
122001
logo
Dallas Semiconductor
DS1233A DALLAS-DS1233A Datasheet
121Kb / 5P
   3.3V EconoReset
DS1817 DALLAS-DS1817 Datasheet
49Kb / 5P
   Active High 3.3V EconoReset
DS1818 DALLAS-DS1818 Datasheet
61Kb / 5P
   3.3V EconoReset with Pushbutton
logo
Maxim Integrated Produc...
DS1818 MAXIM-DS1818 Datasheet
117Kb / 6P
   3.3V EconoReset with Pushbutton
Rev 1; 3/15
DS1817 MAXIM-DS1817 Datasheet
120Kb / 5P
   Active High 3.3V EconoReset
041002
DS1816 MAXIM-DS1816 Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
   3.3V EconoReset with Push-Pull Output
041002
logo
Dallas Semiconductor
DS1816R DALLAS-DS1816R Datasheet
122Kb / 5P
   3.3V EconoReset with Open Drain Output
logo
Maxim Integrated Produc...
DS1233M MAXIM-DS1233M Datasheet
120Kb / 4P
   EconoReset
041002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com