Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMIP100UX6H3 Datasheet(PDF) 9 Page - Sensortechnics GmbH

Part # HMIP100UX6H3
Description  HMIM100U
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HMIP100UX6H3 Datasheet(HTML) 9 Page - Sensortechnics GmbH

Back Button HMIP100UX6H3 Datasheet HTML 5Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 6Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 7Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 8Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 9Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 10Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 11Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 12Page - Sensortechnics GmbH HMIP100UX6H3 Datasheet HTML 13Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HMI Series
Amplified pressure sensors
9/16
E / 11802 / B
www.first-sensor.com
www.sensortechnics.com
HMI...Z7... (DIP, 1 port axial, barbed)
dimensions in mm
PHYSICAL DIMENSIONS AND ELECTRICAL CONNECTION (cont.)
first angle projection
* Internal connection.
Do not connect for
any reason
2
3
4
7
6
5
8
1
High pressure port
n
i
P
n
o
i
t
c
e
n
n
o
C
1s
V
+
2D
N
G
3C
4*
C
/
I
5L
C
S
6*
C
/
I
7*
C
/
I
8A
D
S


Similar Part No. - HMIP100UX6H3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIP63BCTO SCHNEIDER-HMIP63BCTO Datasheet
218Kb / 4P
   Modular box PC, Harmony P6, standard Intel Core i3 8145UE, 2 Core, 4 Threads, for configured products
May 2, 2022
HMIP65BCTO SCHNEIDER-HMIP65BCTO Datasheet
316Kb / 5P
   Advanced box, Harmony P6, Intel Core i5-8365UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP67BCTO SCHNEIDER-HMIP67BCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Core i7 8665UE, 4 cores, 8 threads, for configured products
May 2, 2022
HMIP6CBCTO SCHNEIDER-HMIP6CBCTO Datasheet
316Kb / 5P
   Modular box PC, Harmony P6, advanced Intel Celeron 4305UE, 2 Core, 2 Threads, for configured products
May 2, 2022
HMIPELCZLSPMZZ SCHNEIDER-HMIPELCZLSPMZZ Datasheet
148Kb / 2P
   Professional buildtime license, EcoStruxure Operator Terminal Expert, Printed
Sep 13, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com