Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU97950FUV Datasheet(PDF) 7 Page - Rohm

Part # BU97950FUV
Description  Standard LCD Segment Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97950FUV Datasheet(HTML) 7 Page - Rohm

Back Button BU97950FUV Datasheet HTML 3Page - Rohm BU97950FUV Datasheet HTML 4Page - Rohm BU97950FUV Datasheet HTML 5Page - Rohm BU97950FUV Datasheet HTML 6Page - Rohm BU97950FUV Datasheet HTML 7Page - Rohm BU97950FUV Datasheet HTML 8Page - Rohm BU97950FUV Datasheet HTML 9Page - Rohm BU97950FUV Datasheet HTML 10Page - Rohm BU97950FUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/21
TSZ02201-0A0A2D300090-1-2
08.Sep.2015 Rev.004
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
BU97950FUV
MAX 280 segments (SEG35×COM8)
Command transfer method
Send the Slave Address (“01111100” for Write Mode or “01111101” for Read Mode) after the “START condition” is
generated. Command input follows after the Slave Address. The least significant bit (LSB) of the Slave Address
determines if the operation is Write or Read.
The MSB is the command/data judgment bit. This bit determines whether succeeding byte is a command or data.
When “command or data judgment bit”=„1‟, the next byte is a command.
When “command or data judgment bit”=„0‟, the next byte is display data.
Slave address
A 1
S
Command
A 1 Command
A 1 Command
A 0 Command
A
… P
Display Data
Once the chip is in display data transfer condition, command can no longer be accepted.
To input another command, a “START condition” must be generated.
If “START condition” or “STOP condition” is inputted during command transmission, the current command will be cancelled.
If the Slave address is continuously inputted after the “START condition”, it will be in command input condition.
After “START condition” please input “Slave Address”. When Slave Address is not recognized, Acknowledge bit will not be
returned and succeeding transmissions will be invalid. During an invalid state, sending the “START condition” will cause
the device to return to a valid status.
When transferring command and data, please observe “MPU Interface characteristic” of input rise time, Setup time, and
Hold time etc…(Refer to MPU Interface).
Write display and transfer method
BU97950 enters “Write mode” when R/W bit of Slave address is „0‟
BU97950 has Display Data RAM (DDRAM) of 35×8=280bits.
The relationship between data input and display data, DDRAM data and address are as follows.
0111110
A 0
S
0000000
A a b c d e f g h A
i j k l m n o p A … P
Display Data
Slave address
Command
0
R/W=0 (Write Mode)
The 8-bit display data will be stored in the DDRAM. The address to be written is specified by Address Set command, and
the address is automatically incremented after every 8-bit of data.
Data can be continuously written in the DDRAM by transmitting Data continuously.
0
1
2
3
4
5
6
7
・・・・・・・・
21h
22h
BIT
0
a
i
COM0
1
b
j
COM1
2
c
k
COM2
3
d
l
COM3
4
e
m
COM4
5
f
n
COM5
6
g
o
COM6
7
h
p
COM7
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG33
SEG34
DDRAM address


Similar Part No. - BU97950FUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97950FUV ROHM-BU97950FUV Datasheet
406Kb / 15P
   Standard Segment Drivers
More results

Similar Description - BU97950FUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
logo
Rohm
BU91530KVT-M ROHM-BU91530KVT-M Datasheet
3Mb / 60P
   Multi-function LCD Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com