Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU64985GWZ Datasheet(PDF) 1 Page - Rohm

Part # BU64985GWZ
Description  Bi-directional VCM driver for Auto focus
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64985GWZ Datasheet(HTML) 1 Page - Rohm

  BU64985GWZ Datasheet HTML 1Page - Rohm BU64985GWZ Datasheet HTML 2Page - Rohm BU64985GWZ Datasheet HTML 3Page - Rohm BU64985GWZ Datasheet HTML 4Page - Rohm BU64985GWZ Datasheet HTML 5Page - Rohm BU64985GWZ Datasheet HTML 6Page - Rohm BU64985GWZ Datasheet HTML 7Page - Rohm BU64985GWZ Datasheet HTML 8Page - Rohm BU64985GWZ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/21
TSZ02201-0K1K0B601860-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
6. Oct.2016 Rev.003
TSZ22111・15・001
www.rohm.com
Bi-directional VCM driver for Auto focus
BU64985GWZ
General Description
The BU64985GWZ is designed to drive Bi-directional
voice coil motors. Additionally the driver is able to source
the output current without the need for a direction control
signal. The driver includes ISRC (intelligent slew rate
control) to reduce mechanical ringing to optimize the
camera’s autofocus capabilities.
Features
1.8V Power Supply
Bi-directional Constant Current Driver
Current Source and Sink Output
10 bit Resolution Current Control
2-wire Serial Interface (I2C Fm+ compatible)
Integrated Current Sense Resistor
Power-on Reset
Thermal Shutdown Protection
Applications
Mobile Camera Module
Bi-directional VCM Actuators
Key Specifications
Power Supply Range:
1.6V to 1.98V
Standby Current:
0µA (Typ)
Internal Resistance:
1.3Ω (Typ)
Master Clock:
400kHz (Typ)
Maximum Output Current:
+60mA, -60mA (Typ)
Temperature Range:
-25°C to +85°C
Packages
W (Typ) x D (Typ) x H (Max)
UCSP30L1A
0.77mm x 1.2mm x 0.33mm
Typical Application Circuit
Figure 1. Typical Application Circuit
VCC
Isource
GND
VCM MTR
SCL
SDA
LOGIC
VREF
Power save
10 bit
DAC
Isink
Current
Sense
OUTPUT
Control_A
POR
TSD
OUTPUT
Control_B
Pre driver
+
-
Direction
Control
&
1.8V
I2C
master
1.8V
0.1 to
10uF
VDD
0.1 to
10µF


Similar Part No. - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64987GWZ-TR ROHM-BU64987GWZ-TR Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
More results

Similar Description - BU64985GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64987GWZ ROHM-BU64987GWZ Datasheet
2Mb / 25P
   Bi-directional VCM driver for Auto focus
BU64297GWZ ROHM-BU64297GWZ Datasheet
1Mb / 17P
   Bi-directional VCM driver for Auto focus
13. Nov.2014 Rev.001
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
   Bi-directional VCM Driver for Autofocus
BU64292GWZ ROHM-BU64292GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
BU64982GWZ ROHM-BU64982GWZ Datasheet
1Mb / 22P
   Uni-directional VCM Driver for Autofocus
logo
ON Semiconductor
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com