Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLS.30.105111 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLS.30.105111
Description  Permanent Mount External Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLS.30.105111 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLS.30.105111 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLS.30.105111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DSP-15-8-SPE-15-8-070/A/SS Page 2 of 12
1.Introduction
The Shockwave TLS.30.105111 is a mechanically robust, waterproof, external
antenna operating at the 433MHz ISM band with 1 meter low loss CFD-200 cable and
SMA(M) connector.
Common applications are, for example :
• mesh networks
• indoor/outdoor asset monitoring
• security systems
• remote control systems
• heavy-duty equipment/vehicle communication in harsh environments
The antenna has 56% efficiency and -0.54dBi peak gain at ISM 433MHz on a 30x30
cm ground plane. Stable radiation patterns over low angles provides consistent gain in
the horizontal plane, meaning that it is especially suitable for mesh networks or hot
spots.
A unique indent tab on the base of the antenna allows a wrench to be used to solidly
lock the antenna on top of its mounting location while tightening up the nut beneath
the metal panel. Waterproof O-rings around the bottom base prevent water from
leaking under the antenna.
The TLS.30 antenna is IP67 waterproof and IP69K resistant against high pressure
water jets in commercial cleaning environments, which makes the antenna ideal for
ISM 433MHz applications in harsh outdoor environments.


Similar Part No. - TLS.30.105111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
   IP67 and IP69K Waterproof
More results

Similar Description - TLS.30.105111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TLS.20.1F11 TAOGLAS-TLS.20.1F11 Datasheet
6Mb / 13P
   Permanent Mount External Antenna
TLS.20.1F21 TAOGLAS-TLS.20.1F21 Datasheet
8Mb / 13P
   Permanent Mount External Antenna
TLS.20.105111 TAOGLAS-TLS.20.105111 Datasheet
5Mb / 13P
   Permanent Mount External Antenna
TLS30105111 TAOGLAS-TLS30105111 Datasheet
4Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS301F11 TAOGLAS-TLS301F11 Datasheet
6Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS301F21 TAOGLAS-TLS301F21 Datasheet
8Mb / 12P
   Shockwave 433MHz Permanent Mount External Antenna
TLS20105111 TAOGLAS-TLS20105111 Datasheet
5Mb / 13P
   Shockwave 450-470MHz Permanent Mount External Antenna
TLS201F11 TAOGLAS-TLS201F11 Datasheet
1Mb / 11P
   Shockwave 450-470MHz Permanent Mount External Antenna
TLS01305111 TAOGLAS-TLS01305111 Datasheet
3Mb / 23P
   Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
TLS01305721 TAOGLAS-TLS01305721 Datasheet
3Mb / 25P
   Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com