Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8863401XX Datasheet(PDF) 11 Page - ATMEL Corporation

Part # 5962-8863401XX
Description  256 (32K x 8) High Speed Parallel Parallel
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8863401XX Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button 5962-8863401XX Datasheet HTML 7Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 8Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 9Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 10Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 11Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 12Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 13Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 14Page - ATMEL Corporation 5962-8863401XX Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AT28HC256
11
Ordering Information(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
80
60
AT28HC256(E,F)-70JC
AT28HC256(E,F)-70PC
32J
28P6
Commercial
(0
°C to 70°C)
0.3
AT28HC256(E,F)-70JI
AT28HC256(E,F)-70PI
32J
28P6
Industrial
(-40
°C to 85°C)
90
80
0.3
AT28HC256(E,F)-90JC
AT28HC256(E,F)-90PC
32J
28P6
Commercial
(0
°C to 70°C)
AT28HC256(E,F)-90JI
AT28HC256(E,F)-90PI
32J
28P6
Industrial
(-40
°C to 85°C)
80
0.3
AT28HC256(E,F)-90DM/883
AT28HC256(E,F)-90FM/883
AT28HC256(E,F)-90LM/883
AT28HC256(E,F)-90UM/883
28D6
28F
32L
28U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
120
80
0.3
AT28HC256(E,F)-12JC
AT28HC256(E,F)-12PC
AT28HC256(E,F)-12SC
AT28HC256(E,F)-12TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
80
0.3
AT28HC256(E,F)-12JI
AT28HC256(E,F)-12PI
AT28HC256(E,F)-12SI
AT28HC256(E,F)-12TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
80
0.3
AT28HC256(E,F)-12DM/883
AT28HC256(E,F)-12FM/883
AT28HC256(E,F)-12LM/883
AT28HC256(E,F)-12UM/883
28D6
28F
32L
28U
Military/883C
Class B, Fully Compliant
(-55
°C to 125°C)
Package Type
28D6
28-Lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline Package (Cerdip)
28F
28-Lead, Non-Windowed, Ceramic Bottom-Brazed Flat Package (Flatpack)
32J
32-Lead, Plastic J-Leaded Chip Carrier (PLCC)
32L
32-Pad, Non-Windowed, Ceramic Leadless Chip Carrier (LCC)
28P6
28-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28-Lead, 0.300" Wide Plastic Gull Wing Small Outline (SOIC)
28T
28-Lead, Plastic Thin Small Outline Package (TSOP)
28U
28-Pin, Ceramic Pin Grid Array (PGA)
W
Die
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time = 10 ms
E
High Endurance Option: Endurance = 100K Write Cycles
F
Fast Write Option: Write Time = 3 ms


Similar Part No. - 5962-8863401XX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8863001VA AD-5962-8863001VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-88630023A AD-5962-88630023A Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
5962-8863002VA AD-5962-8863002VA Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
logo
List of Unclassifed Man...
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
More results

Similar Description - 5962-8863401XX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
   256 (32K x 8) High-speed Parallel EEPROM
AT28HC256 ATMEL-AT28HC256 Datasheet
445Kb / 12P
   256 32K x 8 High Speed Parallel EEPROMs
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
   256 32K x 8 High Speed CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
   256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com