Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-6920MR Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # AN-6920MR
Description  Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-6920MR Datasheet(HTML) 2 Page - Fairchild Semiconductor

  AN-6920MR Datasheet HTML 1Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 2Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 3Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 4Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 5Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 6Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 7Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 8Page - Fairchild Semiconductor AN-6920MR Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AN-6920
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • March 10, 2011
2
2. Operation Principles of BCM
Boost PFC Converters
The most widely used operation modes for the boost
converter are continuous conduction mode (CCM) and
boundary conduction mode (BCM). These refer to the
current flowing through the energy storage inductor of the
boost converter, as depicted in Figure 2. As the names
indicate, the inductor current in CCM is continuous; while
in BCM, the new switching period is initiated when the
inductor current returns to zero, which is at the boundary of
continuous
conduction
and
discontinuous
conduction
operations. Even though the BCM operation has higher
RMS current in the inductor and switching devices, it allows
better switching condition for the MOSFET and the diode.
As shown in Figure 2, the diode reverse recovery is
eliminated and a fast silicon carbide (SiC) diode is not
needed. MOSFET is also turned on with zero current, which
reduces switching loss.
Figure 2. CCM vs. BCM Control
The fundamental idea of BCM PFC is that the inductor
current starts from zero in each switching period, as shown
in Figure 3. When the power transistor of the boost
converter is turned on for a fixed time, the peak inductor
current is proportional to the input voltage. Since the current
waveform is triangular, the average value in each switching
period is also proportional to the input voltage. In the case
of a sinusoidal input voltage, the input current of the
converter follows the input voltage waveform with a very
high accuracy and draws a sinusoidal input current from the
source. This behavior makes the boost converter in BCM
operation an ideal candidate for power factor correction.
A by-product of the BCM is that the boost converter runs
with variable switching frequency that depends primarily on
the selected output voltage, the instantaneous value of the
input voltage, the boost inductor value, and the output
power delivered to the load. The operating frequency
changes as the input current follows the sinusoidal input
voltage waveform, as shown in Figure 3. The lowest
frequency occurs at the peak of sinusoidal line voltage.
Figure 3. Operation Waveforms of BCM PFC
The voltage-second balance equation for the inductor is:
.
( )
(
( ))
IN
ON
O PFC
IN
OFF
V
t t
V
V
t
t
=
(1)
where VIN(t) is the rectified line voltage.
The switching frequency of BCM boost PFC converter is
obtained as:
.
.
,
.
( )
1
1
| sin(2
) |
1
O PFC
IN
SW
ON
OFF
ON
OUT
O PFC
IN PK
LINE
ON
O PFC
V
V
t
f
t
t
t
V
V
V
f
t
t
V
π
=
=
+
=
(2)
where VIN,PK is the amplitude of the line voltage and fLINE is
the line frequency.
Figure 4 shows how the MOSFET on time and switching
frequency change as output power decreases. When the load
decreases, as shown in the right side of Figure 4, the peak
inductor current diminishes with reduced MOSFET on time
and the switching frequency increases.


Similar Part No. - AN-6920MR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-692 AD-AN-692 Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Fairchild Semiconductor
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - AN-6920MR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6921MR FAIRCHILD-FAN6921MR Datasheet
1Mb / 24P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com