Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES250UE6S Datasheet(PDF) 9 Page - Sensortechnics GmbH

Part # LDES250UE6S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES250UE6S Datasheet(HTML) 9 Page - Sensortechnics GmbH

Back Button LDES250UE6S Datasheet HTML 5Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 6Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 7Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 8Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 9Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 10Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 11Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 12Page - Sensortechnics GmbH LDES250UE6S Datasheet HTML 13Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
E / 11815 / E
9/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
Data read – pressure
When powered on, the sensor begins to continuously
measure pressure. To initiate data transfer from the
sensor, the following three unique bytes must be written
sequentially, MSB first, to the MOSI pin (see Figure 5):
p
e
t
Sl
a
m
i
c
e
d
a
x
e
Hy
r
a
n
i
Bn
o
i
t
p
i
r
c
s
e
D
1D
2
x
01
0
1
1
0
1
0
0
B
t
n
e
m
e
r
u
s
a
e
m
e
r
u
s
s
e
r
p
t
n
e
r
r
u
c
ll
o
P
24
1
x
00
0
1
0
1
0
0
0
Br
e
t
s
i
g
e
r
a
t
a
d
o
t
t
l
u
s
e
r
d
n
e
S
38
9
x
00
0
0
1
1
0
0
1
Br
e
t
s
i
g
e
r
a
t
a
d
d
a
e
R
The entire 16 bit content of the LDE register is then
read out on the MISO pin, MSB first, by applying 16
successive clock pulses to SCLK with /CS asserted
low. Note that the value of the LSB is held at zero for
internal signal processing purposes. This is below the
noise threshold of the sensor and thus its fixed value
does not affect sensor performance and accuracy.
From the digital sensor output the actual pressure
value can be calculated as follows:
[]
[]


=
Pa
counts
factor
scale
counts
output
digital
Pa
pressure
Fig. 5: SPI data transfer
For example, for a ±250 Pa sensor (LDES250B...)
with a scale factor of 120 a digital output of 30 000
counts (7530’h) calculates to a positive pressure of
250 Pa. Similarly, a digital output of -30 000 counts
(8AD0’h) calculates to a negative pressure of -250 Pa.
Data read – temperature
The on-chip temperature sensor changes 95 counts/°C
over the operating range. The temperature data format
is 15-bit plus sign in two’s complement format. To
read temperature, use the following sequence:
p
e
t
Sl
a
m
i
c
e
d
a
x
e
Hy
r
a
n
i
Bn
o
i
t
p
i
r
c
s
e
D
14
2
x
00
1
0
0
0
1
0
0
B
t
n
e
m
e
r
u
s
a
e
m
e
r
u
t
a
r
e
p
m
e
t
t
n
e
r
r
u
c
ll
o
P
24
1
x
00
0
1
0
1
0
0
0
Br
e
t
s
i
g
e
r
a
t
a
d
o
t
t
l
u
s
e
r
d
n
e
S
38
9
x
00
0
0
1
1
0
0
1
Br
e
t
s
i
g
e
r
a
t
a
d
d
a
e
R
From the digital sensor output, the actual temperature
can be calculated as follows:
temperature [°C] =
TS - TS
0 [counts]
+ T
0 [°C]
scale factor
TS[counts/°C]
where
TS is the actual sensor readout;
TS
0 is the sensor readout at known temperature T0
14;
Scale factor
TS = 95 counts/°C
SPI - SERIAL PERIPHERAL INTERFACE
Note: It is important to adhere to the communication protocol in order to avoid damage to the sensor.
SCLK
(CPOL=0)
(CPHA=0)
MOSI
MISO
/CS
0
1
0
1
1
1
0
0
0
1
0
1
0
0
0
0
Step 2
Step 1
SCLK
(CPOL=0)
(CPHA=0)
MOSI
MISO
/CS
1
0
1
1
0
0
0
Data from sensor
Step 3
0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
MSB
LSB


Similar Part No. - LDES250UE6S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES250UE6S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com