Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES100UE6S Datasheet(PDF) 11 Page - Sensortechnics GmbH

Part # LDES100UE6S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES100UE6S Datasheet(HTML) 11 Page - Sensortechnics GmbH

Back Button LDES100UE6S Datasheet HTML 5Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 6Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 7Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 8Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 9Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 10Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 11Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 12Page - Sensortechnics GmbH LDES100UE6S Datasheet HTML 13Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
E / 11815 / E
11/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
5.0
17.53
±0.15
12.70
±0.15
17.70
18.03
Ø 2.20
6.26
14.97
7.85
8.95
±0.5
5.60
±0.2
15.65
16.05
3.0
0.25
0.46
2.54
10.16
5.60
3.10
±0.2
1.60
±0.2
2.50
10 9 8 7 6
1 2 3 4 5
10.70
High pressure port
5.0
17.53
±0.15
12.70
±0.15
17.70
18.03
Ø 2.20
6.26
15.22
1.43
5.60
±0.2
5.08
3.0
0.25
0.51
1.27
2.54
5.60
3.10
±0.2
1.60
±0.2
2.50
10 9 8 7 6
1 2 3 4 5
10.70
High pressure port
13.85
OUTLINE DRAWING
LDE...F... (DIP, 2 ports same side)
LDE...E... (SMD, 2 ports same side)
dimensions in mm
all tolerances ±0.1 mm
unless otherwise noted
dimensions in mm
all tolerances ±0.1 mm
unless otherwise noted


Similar Part No. - LDES100UE6S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES100UE6S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com