Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320M642AGDK5 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320M642AGDK5
Description  Video/Imaging Fixed-Point Digital Signal Processor
Download  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320M642AGDK5 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320M642AGDK5 Datasheet HTML 1Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 2Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 3Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 4Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 5Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 6Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 7Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 8Page - Texas Instruments TMS320M642AGDK5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 178 page
background image
www.ti.com
1.2.1
Device Compatibility
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
The VCXO interpolated control (VIC) port provides digital-to-analog conversion with resolution from 9-bits
to up to 16-bits. The output of the VIC is a single bit interpolated D/A output.For more details on the VIC
port, see the TMS320C64x DSP Video Port/VCXO Interpolated Control (VIC) Port Reference Guide
(literature number SPRU629).
The ethernet media access controller (EMAC) provides an efficient interface between the DM642 DSP
core processor and the network. The DM642 EMAC support both 10Base-T and 100Base-TX, or 10
Mbits/second (Mbps) and 100 Mbps in either half- or full-duplex, with hardware flow control and quality of
service (QOS) support. The DM642 EMAC makes use of a custom interface to the DSP core that allows
efficient data transmission and reception.For more details on the EMAC, see the TMS320C6000 DSP
Ethernet Media Access Controller (EMAC) / Management Data Input/Output (MDIO) Module Reference
Guide (literature number SPRU628).
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system. Once a PHY candidate has been selected by the DSP, the
MDIO module transparently monitors its link state by reading the PHY status register. Link change events
are stored in the MDIO module and can optionally interrupt the DSP, allowing the DSP to poll the link
status of the device without continuously performing costly MDIO accesses. For more details on the
MDIO, see the TMS320C6000 DSP Ethernet Media Access Controller (EMAC) / Management Data
Input/Output (MDIO) Module Reference Guide (literature number SPRU628).
The I2C0 port on the TMS320DM642 allows the DSP to easily control peripheral devices and
communicate with a host processor. In addition, the standard multichannel buffered serial port (McBSP)
may be used to communicate with serial peripheral interface (SPI) mode peripheral devices.
The DM642 has a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
® debugger interface for visibility into
source code execution.
The DM642 device is a code-compatible member of the C6000™ DSP platform.
The C64x™ DSP generation of devices has a diverse and powerful set of peripherals.
For more detailed information on the device compatibility and similarities/differences among the DM642
and other C64x™ devices, see the TMS320DM642 Technical Overview (literature number SPRU615).
TMS320DM642 Video/Imaging Fixed-Point Digital Signal Processor
3


Similar Part No. - TMS320M642AGDK5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI-TMS320 Datasheet
555Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
[Old version datasheet]   Precision Digital Sine- Wave Generation with the TMS32010
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TMS32020 TI-TMS32020 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320M642AGDK5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
SM320DM642-HIREL TI1-SM320DM642-HIREL Datasheet
1Mb / 170P
[Old version datasheet]   SM320DM642-HiRel Video/Imaging Fixed Point Digital Signal Processor
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com