Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDES100BF3S Datasheet(PDF) 7 Page - Sensortechnics GmbH

Part # LDES100BF3S
Description  Digital low differential pressure sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LDES100BF3S Datasheet(HTML) 7 Page - Sensortechnics GmbH

Back Button LDES100BF3S Datasheet HTML 3Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 4Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 5Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 6Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 7Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 8Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 9Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 10Page - Sensortechnics GmbH LDES100BF3S Datasheet HTML 11Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
E / 11815 / E
7/13
LDE Series
Digital low differential pressure sensors
www.first-sensor.com
www.sensortechnics.com
Total accuracy13
Fig. 1: Typical total accuracy plot of 16 LDE 50 Pa sensors @ 25 °C (typical total accuracy better than 0.5 %FS)
PERFORMANCE CHARACTERISTICS
Offset long term stability
Fig. 2: Offset long term stability for LDE 250 Pa sensors after 10 000 hours @ 85°C powered, equivalent to over
43.5 years @ 25 °C (better than ±2 mV / ±0.125 Pa)
Temperature sensor
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
r
o
t
c
a
f
e
l
a
c
S)
t
u
p
t
u
o
l
a
t
i
g
i
d
(5
9C
°
/
s
t
n
u
o
c
y
t
i
r
a
e
n
il
-
n
o
N
5
.
0
±
S
F
%
s
i
s
e
r
e
t
s
y
H
1
.
0
±


Similar Part No. - LDES100BF3S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B05 MORNSUN-LDE02-23B05 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B09 MORNSUN-LDE02-23B09 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B12 MORNSUN-LDE02-23B12 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
LDE02-23B15 MORNSUN-LDE02-23B15 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
More results

Similar Description - LDES100BF3S

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LMES025U SENSORTECHNICS-LMES025U Datasheet
562Kb / 12P
   digital low differential pressure sensors
logo
Silicon Microstructures...
SM9333 SMI-SM9333 Datasheet
1Mb / 18P
   Differential Pressure Sensors
logo
All Sensors Corporation
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
logo
Honeywell Solid State E...
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
   Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Silicon Microstructures...
SM4221 SMI-SM4221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
logo
Sensortechnics GmbH
RCE0611AB SENSORTECHNICS-RCE0611AB Datasheet
102Kb / 7P
   Digital pressure sensors
logo
All Sensors Corporation
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com