Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HROH004DTMP Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # HROH004DTMP
Description  Precision compensated pressure sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

HROH004DTMP Datasheet(HTML) 1 Page - Sensortechnics GmbH

  HROH004DTMP Datasheet HTML 1Page - Sensortechnics GmbH HROH004DTMP Datasheet HTML 2Page - Sensortechnics GmbH HROH004DTMP Datasheet HTML 3Page - Sensortechnics GmbH HROH004DTMP Datasheet HTML 4Page - Sensortechnics GmbH HROH004DTMP Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HRO Series
Precision compensated pressure sensors
1/5
E / 11813 / B
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 10 mbar to 10 bar, 4 inH
2O to 150 psi,
differential pressure
· Precision temperature compensated
· Calibrated offset and span
· RoHS compliant
· Quality Management System according
to ISO 13485:2003 and ISO 9001:2008
EQUIVALENT CIRCUIT
MEDIA COMPATIBILITY
Non-corrosive, non-ionic working fluids such as
clean dry air, dry gases and the like.
The media wetted materials are:
port 1: front side of silicon sensor chip, glass filled
polyamide, RTV, silgel (for devices from 5 psi),
ceramic (Al
2O3)
port 2: silicon sensor chip, glass filled nylon, RTV,
ceramic (Al
2O3)
+Vs
3
+Vout
2
-Vout
4
1
-Vs
SPECIFICATIONS
Maximum ratings
Supply voltage
3 to 16 V
Temperature limits
Compensated
HROM010..., HROH004...
0 ... 50 °C
all others
0 ... 70 °C
Operating
-25 ... 85 °C
Storage
-40 ... 125 °C
Lead temperature (soldering 5 seconds)
315 °C
Humidity limits (non-condensing)
0 ... 95 %RH
Common mode pressure
50 psig


Similar Part No. - HROH004DTMP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HROH010P SENSORTECHNICS-HROH010P Datasheet
107Kb / 5P
   Precision compensated pressure sensors
More results

Similar Description - HROH004DTMP

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
logo
List of Unclassifed Man...
SCX01DN ETC1-SCX01DN Datasheet
209Kb / 10P
   Precision Compensated Pressure Sensors
logo
Sensortechnics GmbH
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
   Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
   Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com