Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF65A4H Datasheet(PDF) 8 Page - Sanken electric

Part # KGF65A4H
Description  Trench Field Stop IGBTs with Fast Recovery Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

KGF65A4H Datasheet(HTML) 8 Page - Sanken electric

Back Button KGF65A4H Datasheet HTML 4Page - Sanken electric KGF65A4H Datasheet HTML 5Page - Sanken electric KGF65A4H Datasheet HTML 6Page - Sanken electric KGF65A4H Datasheet HTML 7Page - Sanken electric KGF65A4H Datasheet HTML 8Page - Sanken electric KGF65A4H Datasheet HTML 9Page - Sanken electric KGF65A4H Datasheet HTML 10Page - Sanken electric KGF65A4H Datasheet HTML 11Page - Sanken electric KGF65A4H Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
KGF65A4H, MGF65A4H, FGF65A4H
xGF65A4H-DSE Rev.1.4
SANKEN ELCTRIC CO., LTD.
8
Oct. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Figure 14.
Capacitance Characteristics
Figure 15.
Typical Gate Charge
Figure 16.
Switching Time vs. Junction Temperature
Figure 17.
Switching Time vs. Collector Current
10
100
1000
10000
0
10
20
30
40
50
Collector-Emitter Voltage, V
CE (V)
C
oes
C
ies
C
res
f = 1 MHz,
V
GE = 0 V
0
10
20
0
20
40
60
80
Gate Charge, Qg (nC)
V
CE ≈ 130 V
I
C = 40 A
V
CE ≈ 520 V
10
100
1000
25
50
75
100
125
150
175
Junction Temperature, T
J (°C)
t
d(on)
t
f
t
d(off)
t
r
Inductive load,
I
C = 40 A, VCE = 400 V,
V
GE = 15 V, RG = 10 Ω
1
10
100
1000
1
10
100
Collector Current, I
C (A)
Inductive load,
V
CE = 400 V, VGE = 15 V,
R
G = 10 Ω, TJ = 175 °C
t
d(off)
t
d(on)
t
r
t
f


Similar Part No. - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
More results

Similar Description - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A6H SANKEN-KGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4L SANKEN-KGF65A4L Datasheet
796Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A3H SANKEN-FGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6H SANKEN-MGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A4H SANKEN-FGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3L SANKEN-KGF65A3L Datasheet
784Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A3H SANKEN-MGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6L SANKEN-MGF65A6L Datasheet
675Kb / 14P
   VCE = 650 V, IC = 60 A Trench Field Stop IGBTs with Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com