Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9271TV-2.7 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9271TV-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9271TV-2.7 Datasheet(HTML) 3 Page - Xicor Inc.

  X9271TV-2.7 Datasheet HTML 1Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 2Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 3Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 4Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 5Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 6Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 7Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 8Page - Xicor Inc. X9271TV-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
X9271
Characteristics subject to change without notice.
3 of 23
REV 1.1.7 2/6/03
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
TSSOP
CSP
Symbol
Function
1
B3
SO
Serial Data Output.
2
A4
A0
Device Address.
3
B2, C2, C3
NC
No Connect.
4B4
CS
Chip Select.
5
C4
SCK
Serial Clock.
6
D4
SI
Serial Data Input.
7D3
VSS
System Ground.
8D2
WP
Hardware Write Protect.
9
D1
A1
Device Address.
10
C1
HOLD
Device select. Pause the serial bus.
11
B1
RW
Wiper Terminal of the Potentiometer.
12
A1
RH
High Terminal of the Potentiometer.
13
A2
RL
Low Terminal of the Potentiometer.
14
A3
VCC
System Supply Voltage.
VCC
RL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
A0
RW
SCK
CS
TSSOP
RH
X9271
S0
NC
SI
HOLD
WP
A1
A0
VCC
RL
RH
CS
SO
NC
RW
SCK
NC
NC HOLD
SI
VSS
WP
A1
A
B
C
D
43
2
1


Similar Part No. - X9271TV-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9271TV-2.7 INTERSIL-X9271TV-2.7 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results

Similar Description - X9271TV-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com