Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLOH002D Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # PLOH002D
Description  Precision very low pressure sensors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PLOH002D Datasheet(HTML) 4 Page - Sensortechnics GmbH

  PLOH002D Datasheet HTML 1Page - Sensortechnics GmbH PLOH002D Datasheet HTML 2Page - Sensortechnics GmbH PLOH002D Datasheet HTML 3Page - Sensortechnics GmbH PLOH002D Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLO Series
Precision very low pressure sensors / mV-output
4/4
E / 11734 / C
www.first-sensor.com
www.sensortechnics.com
PHYSICAL DIMENSIONS
dimensions in inches (mm)
0.42
(10.7)
A
B
Pin
1 2 3 4 5 6
0.10 typ.
(2.54)
0.80
(20.3)
0.85
(21.6)
1.10
(27.9)
0.48
(12.2)
0.55
(14.0)
1.08
(27.4)
Pin Size
0.010 x 0.020
(0.25 x 0.5)
0.25
(6.4)
0.174 to 0.190
(4.4 to 4.8)
0.66
(16.0)
0.21
(5.3)
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application
or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - PLOH002D

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
logo
TT Electronics.
PLO TTELEC-PLO Datasheet
374Kb / 2P
   3 watts to 15 watts
logo
Welwyn Components Limit...
PLO-10 WELWYN-PLO-10 Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
logo
TT Electronics.
PLO-10 TTELEC-PLO-10 Datasheet
374Kb / 2P
   3 watts to 15 watts
logo
Welwyn Components Limit...
PLO-15 WELWYN-PLO-15 Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
More results

Similar Description - PLOH002D

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
   SURSENSETM precision very low pressure sensors / mV-output
DC001NGC4 SENSORTECHNICS-DC001NGC4 Datasheet
77Kb / 6P
   SURSENSETM precision very low pressure sensors / V-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
   Precision very low differential pressure transmitters
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
   Precision Compensated, Low Pressure Sensors
logo
Sensortechnics GmbH
RLOH001D SENSORTECHNICS-RLOH001D Datasheet
82Kb / 5P
   Precision compensated low pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com