Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2825N-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2825N-3.3
Description  Integrated Power Supply 1A DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825N-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2825N-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM2825N-3.3 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Information (Continued)
TYPICAL THROUGH HOLE PC BOARD LAYOUT (2X SIZE), SINGLE SIDED, THROUGH HOLE PLATED
DS012661-25
FIGURE 10. Typical Circuits Using Shutdown /Soft-start Features
DS012661-26
Note: Holes are not shown.
“No Connect Pins” are connected to copper pads for thermal reasons only and must remain electrically isolated.
FIGURE 11. 2X Printed Circuit Board Layout
11
www.national.com


Similar Part No. - LM2825N-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825N-3.3 TI-LM2825N-3.3 Datasheet
945Kb / 21P
[Old version datasheet]   LM2825 Integrated Power Supply 1A DC-DC Converter
LM2825N-3.3/NOPB TI1-LM2825N-3.3/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825N-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
LM2825N-50 TI-LM2825N-50 Datasheet
945Kb / 21P
[Old version datasheet]   LM2825 Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com