Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCOP001DH Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # PCOP001DH
Description  Precision compensated pressure sensors / mV-output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PCOP001DH Datasheet(HTML) 1 Page - Sensortechnics GmbH

  PCOP001DH Datasheet HTML 1Page - Sensortechnics GmbH PCOP001DH Datasheet HTML 2Page - Sensortechnics GmbH PCOP001DH Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCO Series H-grade
Precision compensated pressure sensors / mV-output
1/3
E / 11732 / C0
www.sensortechnics.com
FEATURES
· Ranges from 4 inH
2O to 150 psi,
differential, gage or absolute
· Precision temperature compensated
· Calibrated offset and span
· Voltage excitation
· Excellent long term stability
Pin 1: N/C
Pin 2: +Vs
Pin 3: +Vout
Pin 4: -Vs
Pin 5: -Vout
Pin 6: N/C
Bottom view
1 2 3 4 5 6
ELECTRICAL CONNECTION
Note:
The polarity indicated for differential devices
is for pressure applied to port B. For absolute
devices the pressure is applied to port A. The
output polarity is then inverted.
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
16 V
DC
Lead temperature (soldering 2-4 sec.)
250 °C
Temperature ranges
Compensated
PCOH004DH
0...50 °C
all others
0...70 °C
Operating
-25...85 °C
Storage
-40...125 °C
Humidity limits (non-condensing)
0...95 % RH
Common mode pressure
50 psig
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.


Similar Part No. - PCOP001DH

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PCOP001DP SENSORTECHNICS-PCOP001DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
More results

Similar Description - PCOP001DH

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
   Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
   Precision compensated pressure sensors
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
   Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
   Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
   Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
   Precision compensated pressure sensors
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
   SURSENSETM precision very low pressure sensors / mV-output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com