Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF65A4H Datasheet(PDF) 3 Page - Sanken electric

Part # KGF65A4H
Description  Trench Field Stop IGBTs with Fast Recovery Diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

KGF65A4H Datasheet(HTML) 3 Page - Sanken electric

  KGF65A4H Datasheet HTML 1Page - Sanken electric KGF65A4H Datasheet HTML 2Page - Sanken electric KGF65A4H Datasheet HTML 3Page - Sanken electric KGF65A4H Datasheet HTML 4Page - Sanken electric KGF65A4H Datasheet HTML 5Page - Sanken electric KGF65A4H Datasheet HTML 6Page - Sanken electric KGF65A4H Datasheet HTML 7Page - Sanken electric KGF65A4H Datasheet HTML 8Page - Sanken electric KGF65A4H Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
KGF65A4H, MGF65A4H, FGF65A4H
xGF65A4H-DSE Rev.1.4
SANKEN ELCTRIC CO., LTD.
3
Oct. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
Electrical Characteristics
Unless otherwise specified, TA = 25 °C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector to Emitter Breakdown
Voltage
V(BR)CES
IC = 100 μA, VGE = 0 V
650
V
Collector to Emitter Leakage Current
ICES
VCE = 650 V, VGE = 0 V
100
µA
Gate to Emitter Leakage Current
IGES
VGE = ±30 V
±500
nA
Gate Threshold Voltage
VGE(TH)
VCE = 10 V, IC = 1 mA
4.0
5.5
7.0
V
Collector to Emitter Saturation
Voltage
VCE(sat)
VGE = 15 V, IC = 40 A
1.9
2.37
V
Input Capacitance
Cies
VCE = 20 V,
VGE = 0 V,
f = 1.0 MHz
2300
pF
Output Capacitance
Coes
250
Reverse Transfer Capacitance
Cres
110
Gate Charge
Qg
VCE = 520 V, IC = 40 A,
VGE = 15 V
75
nC
Turn-on Delay Time
td(on)
TJ = 25 °C,
see Figure 1.
40
ns
Rise Time
tr
40
Turn-off Delay Time
td(off)
100
Fall Time
tf
40
Turn-on Energy
(3)
Eon
0.7
mJ
Turn-off Energy
Eoff
0.6
Turn-on Delay Time
td(on)
TJ = 175 °C,
see Figure 1.
40
ns
Rise Time
tr
40
Turn-off Delay Time
td(off)
130
Fall Time
tf
60
Turn-on Energy
(3)
Eon
1.3
mJ
Turn-off Energy
Eoff
0.9
Emitter to Collector Diode Forward
Voltage
VF
IF = 30 A
1.8
V
Emitter to Collector Diode Reverse
Recovery Time
trr
IF = 30 A,
di/dt = 700 A/μs
50
ns
(3) Energy losses include the reverse recovery of diode.


Similar Part No. - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
More results

Similar Description - KGF65A4H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
KGF65A6H SANKEN-KGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4H SANKEN-KGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A4H SANKEN-MGF65A4H Datasheet
769Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A4L SANKEN-KGF65A4L Datasheet
796Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
FGF65A3H SANKEN-FGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6H SANKEN-MGF65A6H Datasheet
645Kb / 14P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3L SANKEN-KGF65A3L Datasheet
784Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
KGF65A3H SANKEN-KGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A3H SANKEN-MGF65A3H Datasheet
768Kb / 15P
   Trench Field Stop IGBTs with Fast Recovery Diode
MGF65A6L SANKEN-MGF65A6L Datasheet
675Kb / 14P
   VCE = 650 V, IC = 60 A Trench Field Stop IGBTs with Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com