Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144SU30A-PCB Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 144SU30A-PCB
Description  Signal conditioned precision pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144SU30A-PCB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  144SU30A-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144SU30A-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
144S...-PCB Series
Signal conditioned precision pressure transducers
2/4
E / 11005 / A
www.first-sensor.com
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
STANDARD DEVICES
(unless otherwise noted V
S = 8 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Os
e
c
i
v
e
d
l
a
i
t
n
e
r
e
f
f
i
d
2
B
C
P
-
D
0
7
0
M
S
4
4
1
B
C
P
-
D
0
5
3
M
S
4
4
1
0
0
0
7
0
5
3
r
a
b
m
B
C
P
-
D
1
0
0
B
S
4
4
1
B
C
P
-
D
2
0
0
B
S
4
4
1
B
C
P
-
D
5
0
0
B
S
4
4
1
B
C
P
-
D
0
1
0
B
S
4
4
1
0
0
0
0
1
2
5
0
1
r
a
b
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
3
B
C
P
-
A
1
0
0
B
S
4
4
1
B
C
P
-
A
2
0
0
B
S
4
4
1
B
C
P
-
A
5
0
0
B
S
4
4
1
0
0
0
1
2
5
s
e
c
i
v
e
d
l
a
i
t
n
e
r
e
f
f
i
d
2
B
C
P
-
D
1
0
U
S
4
4
1
B
C
P
-
D
5
0
U
S
4
4
1
B
C
P
-
D
5
1
U
S
4
4
1
B
C
P
-
D
0
3
U
S
4
4
1
B
C
P
-
D
0
0
1
U
S
4
4
1
0
0
0
0
0
1
5
5
1
0
3
0
0
1
i
s
p
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
3
B
C
P
-
A
5
1
U
S
4
4
1
B
C
P
-
A
0
3
U
S
4
4
1
B
C
P
-
A
0
0
1
U
S
4
4
1
0
0
0
5
1
0
3
0
0
1
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
5
0
.
0
-0
5
0
.
0
V
n
a
p
s
e
l
a
c
s
ll
u
F
4
9
.
40
.
51
.
5
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
9
.
40
.
51
.
5
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
5
1
.
05
.
0
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
7
o
t
0
(
6
t
e
s
f
f
O.
.
.
1
0
U
S
4
4
1
,
.
.
.
0
7
0
M
S
4
4
1
.
.
.
5
0
U
S
4
4
1
,
.
.
.
0
5
3
M
S
4
4
1
s
r
e
h
t
o
ll
a
6
.
0
2
.
0
5
1
.
0
0
.
3
0
.
1
6
.
0
n
a
p
S2
.
00
.
1
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
7
1
.
0
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1s
m
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
P
0
7W
m
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%


Similar Part No. - 144SU30A-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SU30A-PCB SENSORTECHNICS-144SU30A-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
144SU30A-PCB SENSORTECHNICS-144SU30A-PCB Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 144SU30A-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com