Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTEL5P01D1A Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # BTEL5P01D1A
Description  Precision very low differential pressure transmitters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

BTEL5P01D1A Datasheet(HTML) 5 Page - Sensortechnics GmbH

  BTEL5P01D1A Datasheet HTML 1Page - Sensortechnics GmbH BTEL5P01D1A Datasheet HTML 2Page - Sensortechnics GmbH BTEL5P01D1A Datasheet HTML 3Page - Sensortechnics GmbH BTEL5P01D1A Datasheet HTML 4Page - Sensortechnics GmbH BTEL5P01D1A Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BTEL5000 / PTUL5000 Series
Precision very low differential pressure transmitters
5/5
E / 11094 / A
www.first-sensor.com
www.sensortechnics.com
Ø 20
M12 x 1
NOM
60
NOM 2 m
BTEL/PTUL
5xxx
D
x
x
ORDERING INFORMATION
Calibration
BTEL: calibration in mbar
PTUL: calibration in inH
2O
Pressure range
BTEL5000 series
PTUL5000 series
001:
0...1 mbar
001:
0...1 inH
2O
P01:
-1...+1 mbar
P01:
-1...+1 inH
2O
002:
0...2 mbar
002:
0...2 inH
2O
P02:
-2...+2 mbar
P02:
-2...+2 inH
2O
005:
0...5 mbar
005:
0...5 inH
2O
P05:
-5...+5 mbar
P05:
-5...+5 inH
2O
010:
0...10 mbar
010:
0...10 inH
2O
P10: -10...+10 mbar
P10: -10...+10 inH
2O
Note: 0...1 mbar devices not available with 1...6 V output signal
Electrical connection
A: connector version
C: cable version
Output signal
1: 1...6 V
4: 4...20 mA
Differential pressure
RECOMMENDED CABLE/CONNECTOR ACCESSORY
for connector version
Order number ZK000101, other cable lengths on special request
Flying lead end
brown
green
white + shield
yellow
Pin
1
2
3
4
PIN CONNECTION
dimensions in mm
Included in delivery!
Other pressure ranges and options are widely available. Please contact First Sensor.
First Sensor reserves the right to make changes to any products herein. First Sensor does not assume any liability arising out of the application
or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - BTEL5P01D1A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5P01D1A SENSORTECHNICS-BTEL5P01D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
More results

Similar Description - BTEL5P01D1A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
   Precision very low differential pressure transmitters
BTEM5000D1A SENSORTECHNICS-BTEM5000D1A Datasheet
118Kb / 5P
   Precision differential pressure transmitters
BTEM50025D1A SENSORTECHNICS-BTEM50025D1A Datasheet
138Kb / 6P
   Precision differential pressure transmitters
logo
Amphenol Corporation
M30-03E AMPHENOL-M30-03E Datasheet
87Kb / 4P
   General Eastern Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
   Precision very low pressure sensors
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
   Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
   Precision stainless steel pressure transmitters
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
logo
Sensortechnics GmbH
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
   Amplified precision very low pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
   Submersible precision stainless steel pressure transmitters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com