Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142PC01D-PCB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 142PC01D-PCB
Description  Signal conditioned precision pressure transducers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

142PC01D-PCB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  142PC01D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 142PC01D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 142PC01D-PCB Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
140PC...-PCB Series
Signal conditioned precision pressure transducers
1/3
E / 11554 / A
www.first-sensor.com
www.sensortechnics.com
FEATURES
· 1 to 150 psi absolute, gage or
differential pressure
· 1...6 V output
· Output ratiometric to supply voltage
· Precision temperature compensated
and calibrated
· EMC-proof
ELECTRICAL CONNECTION
7...16 V
10 mA
5 mA
-55 to 100°C
-40 to 85°C
0 to 70°C
300°C
0 - 98 %RH
20 psi
30 psi
60 psi
150 psi
200 psi
SPECIFICATIONS
Maximum ratings
Supply voltage
Maximum load current
Source
Sink
Temperature limits
Storage
Operating
Compensated
Lead temperature
(10 sec. soldering)
Humidity limits
Pressure inlets only
Proof pressure1
All 1 psi, 3 psi, 5 psi devices
All 15 psi devices
All 30 psi devices
All 100 psi devices
All 150 psi devices
SERVICE
Non-corrosive, non-ionic working fluids,
such as dry air and dry gases
+Vs
Vout
-Vs
140PC...-PCB
V
7 V to 16 V
(NOM 8.00 V)


Similar Part No. - 142PC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
142PC01D-PCB SENSORTECHNICS-142PC01D-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 142PC01D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB_16 Datasheet
139Kb / 4P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com