Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

144LP20D-PCB Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # 144LP20D-PCB
Description  Signal conditioned precision pressure transducers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

144LP20D-PCB Datasheet(HTML) 1 Page - Sensortechnics GmbH

  144LP20D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 144LP20D-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
144L...-PCB Series
Signal conditioned precision pressure transducers
1/4
Januar 2005 / 004
FEATURES
· 0...5 to 0...50 mbar, 0...1 to 0...20 "H
2O
gage or differential pressure
(custom calibrations available)
· 0...5 V output
· Single power supply
· Internal supply regulation
· Precision temperature
compensated and calibrated
ELECTRICAL CONNECTION
SPECIFICATIONS
Maximum ratings
Supply voltage
7.5...24 V
Maximum load current
source
20 mA
sink
10 mA
Temperature limits
Storage
-25 to 85°C
Operating
-10 to 70°C
Compensated
0 to 50°C
Lead temperature (10 sec soldering)
300°C
Humidity limits
pressure inlets only
0 - 95 %RH
Proof pressure1
144LP...-PCB
300 mbar
144LU...-PCB
4 psi
Common mode pressure
144LP...-PCB
600 mbar
144LU...-PCB
8 psi
SERVICE
Non-corrosive, non-ionic working fluids,
such as dry air and dry gases
+Vs
Vout
-Vs
144L...-PCB
V
7.5 V to 24 V
www.first-sensor.com
www.sensortechnics.com


Similar Part No. - 144LP20D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144LP20D-PCB SENSORTECHNICS-144LP20D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
More results

Similar Description - 144LP20D-PCB

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB Datasheet
145Kb / 5P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB_16 Datasheet
109Kb / 3P
   Signal conditioned precision pressure transducers
141SC01G-PCB SENSORTECHNICS-141SC01G-PCB Datasheet
97Kb / 6P
   Signal conditioned precision pressure transducers
141PC01G-PCB SENSORTECHNICS-141PC01G-PCB Datasheet
116Kb / 4P
   Signal conditioned precision pressure transducers
144LP05D-PCB SENSORTECHNICS-144LP05D-PCB Datasheet
126Kb / 4P
   Signal conditioned precision pressure transducers
112LP02D-PCB SENSORTECHNICS-112LP02D-PCB Datasheet
135Kb / 6P
   Signal conditioned precision pressure transducers
144S-BARO SENSORTECHNICS-144S-BARO Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
144SM070D-PCB SENSORTECHNICS-144SM070D-PCB_16 Datasheet
133Kb / 4P
   Signal conditioned precision pressure transducers
ASDX015A24R-A SENSORTECHNICS-ASDX015A24R-A Datasheet
93Kb / 5P
   Signal conditioned high precision pressure transducers
BSDX0811BARO SENSORTECHNICS-BSDX0811BARO Datasheet
90Kb / 5P
   Signal conditioned high precision pressure transducers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com