Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6118852F Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # V6118852F
Description  2, 4 and 8 Multiplex LCD Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6118852F Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button V6118852F Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 8Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 9Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 10Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 11Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 12Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 13Page - EM Microelectronic - MARIN SA V6118852F Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
R
V6118
Functional Description
Supply Voltage VLCD, VDD, VSS
The voltage between VDD and VSS is the supply voltage for
the logic and the interface. The voltage between VLCD and
VSS is the supply voltage for the LCD and is used for the
generation of the internal LCD bias levels. The internal
LCD bias levels have a maximum impedance of 25 k
Ω for
a VLCD voltage from 3 to 8V. Without external connections
to the V1, V2, V3 bias level inputs, the V6118 can drive
most medium sized LCD (pixel area up to 4'000 mm
2).
For displays with a wide variation in pixel sizes, the
configuration shown in Fig. 13 can give enhanced contrast
by giving faster pixel switching times. On changing the
row polarity (see Fig. 7, 8 and 9) the parallel capacitors
lower the impedance of the bias level generation to the
peak current, giving faster pixel charge times and thus a
higher RMS "on" value. A higher RMS "on" value can
give better contrast.
IF for a given LCD size and
operating voltage, the "off" pixels appear "on", or there is
poor contrast, then an external bias level generation
circuit can be used with the V6118. An external bias
generation circuit can lower the bias level impedance and
hence improve the LCD contrast (see Fig. 12).
The
optimum values of R, Rx and C, vary according to the
LCD size used and VLCD.
They are best determined
through actual experimentation with the LCD.
For LCD with very large average pixel area (eg. up to
10'000 mm
2), the bias level configuration shown in Fig. 14
should be used.
When V6118s are cascaded, connect the V1, V2 and V3
bias inputs as shown in Fig. 10.
The pixel load is
averaged across all the cascaded drivers. This will give
enhanced display contrast as the effective bias level
source impedance is the parallel combination of the total
number of drivers.
For example, if two V6118 are
cascaded as shown in Fig. 10, then the maximum bias
level impedance becomes 12.5 k
Ω for a VLCD voltage from
3 to 8V.
Table 8 shows the relationship between V1, V2 and V3 for
the multiplex rates 2, 4 and 8. Note that VLCD > V1 > V2 >
V3 for the V6118 2 and V6118 8, and for the V6118 4,
VLCD > V1 > V2.
Data Input /Output
The data input pin, DI, is used to load serial data into the
V6118. The serial data word length is 40 bits when COL
is inactive, and 48 bits when it is active. Data is loaded in
inverse numerical order, the data for bit 40 (bit 48 when
COL is active) loaded first with the data for bit 1 last. The
column data bits are loaded first and then the address bits
(see Fig. 4 & 5).
The data output pin, DO, is used in cascaded applications
(see Fig. 10). DO transfers the data to the next cascaded
chip. The data at DO is equal to the data at DI delayed by
40 clock periods, when COL is inactive and 48 clock
periods when COL is active. In order to cascade V6118s,
the DO of one chip must be connected to DI of the
following chip (see Fig. 10). In cascaded applications the
data for the last V6118 (the one that does not have DO
connected) must be loaded first and the data for the first
V6118 (its DI is connected to the processor) loaded last
(see Fig. 10).
The display RAM word length is 40 bits (see Fig. 6). Each
LCD row has a corresponding display RAM address which
provides the column data (on or off) when the row is
selected (on). When downloading data to the V6118, any
display selected RAM address can be chosen, there is no
display RAM addressing sequence (see Fig.4 & 5). The
same data can be written to more than one display RAM
address. I fmore than one address bit is set, then more
than one display RAM address is write enabled, and so
the same data is written to more the one address. This
feature can be useful to flash the LCD on and off under
software control. If the address bits are all zero then no
display RAM address is write enabled and no data is
written to the display RAM on the falling edge of STR. Use
address 0 to synchronize cascaded V6118s without
updating the display RAM.
CLK Input
The CLK input is used to clock the DI serial data into the
shift register and to clock the DO serial data out. Loading
and shifting of the data occurs at the falling edge of this
clock, outputting of the data at the rising edge (see Fig. 3).
When cascading devices, all CLK lines should be tied
together (see Fig. 10).
STR Input
The STR input is used to write to the display RAM, to
blank the LCD, and synchronize cascaded V6118. The
STR input writes the data loaded into the shift register, on
the DI input, to the display selected RAM on the falling
edge of the STR signal. The display RAM address is
given by the address bits (see Fig. 4 & 5)
The STR input when high blanks the LCD by
disconnecting the internal voltage bias generation from
the VSS potential. Segment outputs S1 to S40 (rows and
columns) are pulled up to VLCD. The delay to driving the
LCD with VLCD on S1 to S40, is dependent on the
capacitive load of the LCD and is typically 1 µs. An LCD
pixel responds to RMS voltage and takes approximately
100 ms to turn on or off. The delay from putting STR high
to the LCD being blank is dependent on the LCD off time
and is typically 100 ms. In applications which have a long
STR pulse width (10 µs) the LCD is driven by VLCD on both
the rows and columns during this time. As the time is
short (1 µs), it will have zero measurable effect on the
RMS "on" value (over 100 ms) of an LCD pixel and also
zero measurable effect on the pixel DC component. Such
STR pulses will not be visible to the human eye on an
LCD.
Note: if an external voltage bias generation circuit is
used as shown in Fig. 12 to 14, the LCD blank
function (STR high) will not blank the LCD.
When STR
is high, the LCD will be driven by the parallel combination
of the external voltage bias generation circuit and part of
the internal voltage bias generation circuit.
The STR input, when high, synchronizes cascaded
V6118s by forcing a new time frame to begin at the next
falling edge of the FR input final (see Fig.6). A time frame
begins with row 1 and so the LCD picture is rebuilt from
row 1 each time cascaded V6118s are synchronized.
When cascading devices, all STR lines must be tied
together (see Fig. 10).
FR Input
The FR signal controls the segment output frequency
generation (see Fig. 7, 8 and 9). To avoid having DC on
the display, the FR signal must have a 50% duty cycle.
The frequency of the FR signal must be n times the
desired display refresh rate, where n is the V6118 version
no. (2, 4 or 8). For example, if the desired refresh rate is
40 Hz, the FR signal frequency must be 320 Hz for the
V6118 8. A selected row (on) is in phasewith the FR
signal (see Fig. 7, 8 and 9).
Copyright
© 2004, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com


Similar Part No. - V6118852F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V61103C VISHAY-V61103C Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
V61103C-M3/P VISHAY-V61103C-M3/P Datasheet
147Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5 A
Revision: 22-Dec-2020
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V60TBA-3041 EMMICRO-V6116V60TBA-3041 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116V6WP11E EMMICRO-V6116V6WP11E Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
More results

Similar Description - V6118852F

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
   Digitally Programmable 2, 4 and 8 Mux LCD Driver
EM6124 EMMICRO-EM6124 Datasheet
2Mb / 25P
   Digitally Programmable 8 to 25 Multiplex LCD Controller & Driver
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
   LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
   LCD driver for low multiplex rates
Rev. 1-23 November 2010
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
   LCD driver for low multiplex rates
1998 Jun 18
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
   Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com