Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJD4435 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJD4435
Description  P-Channel 30-V(D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJD4435 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJD4435 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJD4435 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJD4435 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJD4435 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251-3L Plastic-Encapsulate MOSFETS
CJD4435 P-Channel 30-V(D-S) MOSFET
FEATURE
TrenchFET Power MOSFET
APPLICATIONS
Load Switch
Battery Switch
Maximum ratings ( Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-9.1
A
Power Dissipation
(note 1, Ta=25
℃)
1
Maximum Power Dissipation
(note 2, Tc=25
℃)
PD
15
W
Thermal Resistance from Junction to Ambient (t≤10S)RθJA
125
℃/W
Operating Junction Temperature
TJ
150
Storage Temperature
Tstg
-55 ~+150
.
TO-251-3L
1. GATE
2. DRAIN
3. SOURCE
www.cj-elec.com
1
D,Apr,2016
MARKING
EQUIVALENT CIRCUIT
V(BR)DSS
RDS(on)MAX
ID
-30 9
24P #-9
-9.1$
35P #-9
CJD4435= Device code
Solid dot = Green molding compound device,
XXX
if none, the normal device
=Date Code
1
3
2


Similar Part No. - CJD4435

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJD4435 ZPSEMI-CJD4435 Datasheet
410Kb / 2P
   P-Channel 30-V(D-S) MOSFET
More results

Similar Description - CJD4435

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com