Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-F212PMA100M701-L880A70 Datasheet(PDF) 4 Page - Vincotech

Part # 30-F212PMA100M701-L880A70
Description  Compact and low inductive design
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

30-F212PMA100M701-L880A70 Datasheet(HTML) 4 Page - Vincotech

  30-F212PMA100M701-L880A70 Datasheet HTML 1Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 2Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 3Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 4Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 5Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 6Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 7Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 8Page - Vincotech 30-F212PMA100M701-L880A70 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
30-F212PMA100M701-L880A70
datasheet
17 Okt. 2016 / Revision 2
4
Copyright Vincotech
Characteristic Values
Parameter
Symbol
Conditions
Value
Unit
VGE [V]
VGS [V]
VCE [V]
VDS [V]
VF [V]
IC [A]
ID [A]
IF [A]
Tj [°C]
Min
Typ
Max
Rectifier Diode
Static
Forward voltage
VF
75
25
1,10
1,8
V
125
1,05
Reverse leakage current
Ir
1600
25
50
µA
145
1100
Thermal
Thermal resistance junction to sink
Rth(j-s)
phase-change
material
λ = 3,4 W/mK
0,45
K/W


Similar Part No. - 30-F212PMA100M701-L880A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-F212PMA075M701-L889A70 VINCOTECH-30-F212PMA075M701-L889A70 Datasheet
417Kb / 9P
   Open emitter configuration
More results

Similar Description - 30-F212PMA100M701-L880A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA100SC-L289F09Y VINCOTECH-30-P2126PA100SC-L289F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
10-FY12B2A040MR-L387L68 VINCOTECH-10-FY12B2A040MR-L387L68 Datasheet
1Mb / 18P
   Compact and low inductive design
30-P2126PA100NB-L289F69Y VINCOTECH-30-P2126PA100NB-L289F69Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150SC-L280F09Y VINCOTECH-30-P2126PA150SC-L280F09Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA050NB-L287F69Y VINCOTECH-30-P2126PA050NB-L287F69Y Datasheet
926Kb / 16P
   Compact and low inductive design
30-P2126PA075SC-L288F09Y VINCOTECH-30-P2126PA075SC-L288F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150NB-L280F69Y VINCOTECH-30-P2126PA150NB-L280F69Y Datasheet
464Kb / 7P
   Compact and low inductive design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com