Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-F212PMA075M701-L889A70 Datasheet(PDF) 6 Page - Vincotech

Part # 30-F212PMA075M701-L889A70
Description  Open emitter configuration
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

30-F212PMA075M701-L889A70 Datasheet(HTML) 6 Page - Vincotech

  30-F212PMA075M701-L889A70 Datasheet HTML 1Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 2Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 3Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 4Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 5Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 6Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 7Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 8Page - Vincotech 30-F212PMA075M701-L889A70 Datasheet HTML 9Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
30-F212PMA075M701-L889A70
target datasheet
19 Oct. 2016 / Revision 1
6
Copyright Vincotech
Characteristic Values
Parameter
Symbol
Conditions
Value
Unit
VGE [V]
VGS [V]
VCE [V]
VDS [V]
VF [V]
IC [A]
ID [A]
IF [A]
Tj [°C]
Min
Typ
Max
Thermistor
Rated resistance
R
25
22
Deviation of R100
ΔR/R
R100 = 1484 Ω
100
-5
5
%
Power dissipation
P
25
5
mW
Power dissipation constant
25
1,5
mW/K
B-value
B(25/50)
Tol. ±1 %
25
3962
K
B-value
B(25/100)
Tol. ±1 %
25
4000
K
Vincotech NTC Reference
I


Similar Part No. - 30-F212PMA075M701-L889A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
   Compact and low inductive design
More results

Similar Description - 30-F212PMA075M701-L889A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
10-0B066PA030SB-M996F09 VINCOTECH-10-0B066PA030SB-M996F09 Datasheet
1Mb / 17P
   Open emitter topology
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
240Kb / 17P
   20A, 600V with open Emitter Pins
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Texas Instruments
DLPR910 TI1-DLPR910 Datasheet
250Kb / 16P
[Old version datasheet]   Configuration PROM
logo
List of Unclassifed Man...
E02068 ETC2-E02068 Datasheet
22Kb / 1P
   Bezeichnung Configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com