Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241FCPD Datasheet(PDF) 5 Page - Agere Systems

Part # 1241FCPD
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1241FCPD Datasheet(HTML) 5 Page - Agere Systems

  1241FCPD Datasheet HTML 1Page - Agere Systems 1241FCPD Datasheet HTML 2Page - Agere Systems 1241FCPD Datasheet HTML 3Page - Agere Systems 1241FCPD Datasheet HTML 4Page - Agere Systems 1241FCPD Datasheet HTML 5Page - Agere Systems 1241FCPD Datasheet HTML 6Page - Agere Systems 1241FCPD Datasheet HTML 7Page - Agere Systems 1241FCPD Datasheet HTML 8Page - Agere Systems 1241FCPD Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Agere Systems Inc.
5
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
*With VEE connected to –5 V, VCC must be at 0 V; with VCC connected to +5 V, VEE must be at 0V.
Specification depends upon the code ordered. The device is capable of a cold start at –40 °C; specifications are met
after a warm-up time determined by the system thermal design.
Characteristics
Minimum and maximum values specified over operating case temperature range at 50% duty cycle data signal and
end of life (EOL).Typical values are measured at beginning-of-life (BOL) room temperature unless otherwise noted.
Table 2. Electrical Characteristics
1. With VEE connected to –5V, V CC must be at 0 V; with VCC connected to +5 V, VEE must be at 0 V.
2. Input measured from VCC with 50
Ω load to (VCC – 2 V). 10K, 10K H, and 100K ECL compatible.
3. Between 10% and 90% (50% duty cycle) where t is the bit period in ns.
4. The transmitter is normally enabled and only requires an external voltage to disable.
5. Time measured from rising edge of disable signal until optical output (laser diode) has turned off.
6. Time measured from falling edge of enable signal until optical output has stabilized at nominal output power level.
7. The laser bias current is obtained by dividing the bias voltage by the 10
Ω current-sensing resistors. (See Figure 1.) When measuring these
voltages or using them in conjunction with alarm circuits, use a high-input impedance device.
8. The laser back-facet monitor voltage is a scaled output that tracks the transmitter optical output power.
Parameter
Symbol
Min
Max
Unit
Supply Voltage*
——
5.5
V
Operating Case Temperature Range
TC
–40
85
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
250/10
°C/s
Relative Humidity (noncondensing)
RH
85
%
Minimum Fiber Bend Radius
1.00 (25.4)
in. (mm)
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage1
V
4.75
5.0
5.50
V
Power Supply Current Drain
ITOTAL
30
130
mA
Input Data Voltage:2
Low
High
VIL
VIH
–1.81
–1.16
–1.47
–0.88
V
V
Input Transition Time3
tI
—t/4
ns
Transmitter Disable Voltage4
VD
VCC – 2.0
VCC
V
Transmitter Enable Voltage
VEN
VEE
—VEE + 0.8
V
Output Disable Time5
tD
0.20
µs
Output Enable Time6
tEN
2.00
µs
Laser Bias Voltage7
VB
0.01
0.06
0.70
V
Laser Monitor Voltage (50% duty cycle)8
VBF
0.01
0.05
0.20
V


Similar Part No. - 1241FCPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1241 ETC2-1241 Datasheet
1Mb / 16P
   Drywall Punch
logo
Alpha Wire
1241 ALPHAWIRE-1241 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
logo
Heyco.
1241 HEYCO-1241 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Schurter Inc.
1241.1022 SCHURTER-1241.1022 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
1241.1032.4 SCHURTER-1241.1032.4 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results

Similar Description - 1241FCPD

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com