Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UAF42 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. UAF42
Description  FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 7 page
background image
7
FIGURE 10. PP4 Noninverting Pole-Pair/Zero Subcircuit Using Internal Gain-Set Resistor R3.
FIGURE 11. PP5 Noninverting Pole-Pair/Zero Subcircuit Using External Gain-Set Resistor RG.
PP5
PP4
A
1
R
2
50k
A
2
A
3
R
3
50k
R
4
50k
UAF42
11
R
1
50k
R
F1
R
F2
C
1
1000pF
C
2
1000pF
V
IN
2
13
8
7
14
3
R
Q
R
2A
C
1A
C
2A
HP Out
1
12
A
4
4
R
Z1
5
Aux
Out
6
R
Z2
R
Z3
LP Out
A
1
R
2
50k
A
2
A
3
R
G
R
4
50k
UAF42
11
R
1
50k
R
F1
R
F2
C
1
1000pF
C
2
1000pF
V
IN
3
13
8
7
14
R
Q
R
2A
C
1A
C
2A
HP Out
1
12
A
4
4
R
Z1
5
Aux
Out
6
R
Z2
R
Z3
LP Out
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTC1562-2Very Low Noise Low Distortion Active RC Quad Universal Filter 1 2 3 4 5 MoreLinear Technology
LTC1562Very Low Noise Low Distortion Active RC Quad Universal Filter 1 2 3 4 5 MoreLinear Technology
QPI-1L12 Amp Active EMI Filter for 48V DC Bus 1 2 3 4 5 MoreVicor Corporation
QPI-2L12 Amp Active EMI Filter for 24V DC Bus 1 2 3 4 5 MoreVicor Corporation
AF100UNIVERSAL ACTIVE FILTER 1 2 3 4 5 MoreNational Semiconductor (TI)
QPI-3L7 Amp Active EMI Filter for 24V DC Bus 1 2 3 4 5 MoreVicor Corporation
TUSB20362/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE 1 2 3 4 5 MoreTexas Instruments
QPI-5L14 Amp Active EMI Filter for 24V DC Bus 1 2 3 4 5 MoreVicor Corporation
PMM8713PTUniversal Controller IC for the 2-Phase Stepping Motor Drive 1 2 3 4 List of Unclassifed Manufacturers
TUSB2040A4-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl