Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1245FBDC Datasheet(PDF) 6 Page - Agere Systems

Part # 1245FBDC
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1245FBDC Datasheet(HTML) 6 Page - Agere Systems

Back Button 1245FBDC Datasheet HTML 2Page - Agere Systems 1245FBDC Datasheet HTML 3Page - Agere Systems 1245FBDC Datasheet HTML 4Page - Agere Systems 1245FBDC Datasheet HTML 5Page - Agere Systems 1245FBDC Datasheet HTML 6Page - Agere Systems 1245FBDC Datasheet HTML 7Page - Agere Systems 1245FBDC Datasheet HTML 8Page - Agere Systems 1245FBDC Datasheet HTML 9Page - Agere Systems 1245FBDC Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
6
Agere Systems Inc.
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser Transmitter
Characteristics (continued)
Table 3. Optical Characteristics
1. Output power definitions and measurement per ITU-T Recommendation G.957 and G.958.
2. Ratio of logic 1 to logic 0 power levels.
3. Between 10% and 90% (50% duty cycle).
4. Root-mean-square spectral width accounts for modes up to and including those 20 dB down from the central mode.
(Applies to 1241-Type only.)
5. Applies to 1243/1245-Type only.
Recommended User Interfaces
1-496(C).c
* Locate these components as close to DATA/DATA inputs as possible.
Note: The 1241 gigabit version does not require the external 50
Ω terminations since this termination is included inside the module.
Figure 2. dc-Coupled, Differential Input
Parameter
Symbol
Min
Typ
Max
Unit
Average Power Output Options1
PO
See Ordering Information.
dBm
Extinction Ratio2
rE
10
dB
Optical Rise and Fall Times3:
OC-3/STM-1
OC-12/STM4
1062.5 Mbits/s
tR, tF
tR, tF
tR, tF
1.0
0.5
0.37
ns
ns
ns
Center Wavelength
λ
See Ordering Information.
nm
RMS Spectral Width4
∆λ
——
4
nm
Side-mode Suppression Ratio5
SMSR
30
dB
ECL
DRIVER
D
TRANSMITTER
15
16
50 •*
360 •
360 •
VEE
D
VEE
50 •*
0.1 µF
50 • MICROSTRIP OR STRIPLINE-
CONTROLLED IMPEDANCE TRACES


Similar Part No. - 1245FBDC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1245 3M-1245 Datasheet
24Kb / 2P
   Embossed Copper Foil
logo
List of Unclassifed Man...
1245 ETC2-1245 Datasheet
1Mb / 16P
   Drywall Punch
logo
3M Electronics
1245 3M-1245 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
CUI INC
1245-0003R CUI-1245-0003R Datasheet
78Kb / 2P
   AMT 102 BASE
logo
List of Unclassifed Man...
12450 ETC2-12450 Datasheet
271Kb / 2P
   STATFREE FOAM, CONDUCTIVE
More results

Similar Description - 1245FBDC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com