Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1243CAFD Datasheet(PDF) 9 Page - Agere Systems

Part # 1243CAFD
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1243CAFD Datasheet(HTML) 9 Page - Agere Systems

Back Button 1243CAFD Datasheet HTML 4Page - Agere Systems 1243CAFD Datasheet HTML 5Page - Agere Systems 1243CAFD Datasheet HTML 6Page - Agere Systems 1243CAFD Datasheet HTML 7Page - Agere Systems 1243CAFD Datasheet HTML 8Page - Agere Systems 1243CAFD Datasheet HTML 9Page - Agere Systems 1243CAFD Datasheet HTML 10Page - Agere Systems 1243CAFD Datasheet HTML 11Page - Agere Systems 1243CAFD Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Agere Systems Inc.
9
Data Sheet
September 1999
1241/1243/1245-Type Uncooled Laser
Laser Safety Information
Class I Laser Product
All versions of the 1241/1243/1245-Type transmitters are Class I laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. The 1241/1243/1245-Type transmitters have been classified with the FDA under accession
number 8720009. All versions are Class I laser products per IEC 825-1:1993.
CAUTION: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
This product complies with 21 CFR 1040.10 and 1040.11.
8.8 µm single-mode pigtail with connector
Wavelength = 1.3 µm
Maximum power = 1.6 mW
Notice
Unterminated optical connectors may emit laser radiation.
Do not view with optical instruments.
Table 4. Ager eTransmitters for SONET/SDH Applications
* Full SONET/SDH compliance, –40 °C to +85 °C.
† Full SONET/SDH compliance, –20 °C to +70 °C.
Connector
Type
1.3 µm Transmitter Type*
1.55 µm Transmitter Type
Short and Intermediate Reach
(<2 km and ~15 km)
Long Reach
~40 km
Long Reach
~80 km
OC-3/
STM-1
OC-12/
STM-4
OC-3/
STM-1
OC-12/
STM-4
OC-3/
STM-1
OC-12/
STM-4
FC-PC
1241FAUC
1241FBUC
1243FAFD
1243FBDC
1245FAFC
1245FBDC
SC
1241CAUC
1241CBUC
1243CAFD
1243CBDC
1245CAFC
1245CBDC


Similar Part No. - 1243CAFD

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1243/2C ALPHAWIRE-1243/2C Datasheet
99Kb / 4P
   Customer Specification
8/30/2022
1243/2C ALPHAWIRE-1243/2C Datasheet
98Kb / 4P
   Customer Specification
12/2/2022
1243/3C ALPHAWIRE-1243/3C Datasheet
100Kb / 5P
   Customer Specification
8/30/2022
1243/3C ALPHAWIRE-1243/3C Datasheet
99Kb / 5P
   Customer Specification
12/2/2022
1243/4 ALPHAWIRE-1243/4 Datasheet
100Kb / 5P
   Customer Specification
8/30/2022
More results

Similar Description - 1243CAFD

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com