Electronic Components Datasheet Search |
|
1340 Datasheet(PDF) 10 Page - Agere Systems |
|
1340 Datasheet(HTML) 10 Page - Agere Systems |
10 / 12 page Data Sheet January 2000 1340-Type Lightwave Receiver 10 Agere Systems Inc. Operating Characteristics (continued) Table 3. Electrical Characteristics * Customers have the option for either a +5 V or –5 V supply. † Measured from VCC with a 50 Ω load to (VCC – 2) V. ‡ Internally terminated CMOS output. Qualification Tests and Reliability To help ensure high product reliability and customer satisfaction, Agere is committed to an intensive quality pro- gram that starts in the design phase and proceeds through the manufacturing process. Optoelectronics modules are qualified to Agere internal standards using MIL-STD-883 test methods and procedures and using sampling techniques consistent with Telcordia Technologies requirements. The 1340-Type receivers have undergone an extensive and rigorous set of qualification tests. This qualification program fully meets the intent of Telcordia Tech- nologies reliability practices TR-NWT-000468 and TA-NWT-000983. In addition, the design, development, and man- ufacturing facility of Agere’s Optoelectronics unit has been certified to be in full compliance with the latest ISO *- 9001 Quality System Standards. * ISO is a registered trademark of The International Organization for Standardization. Parameter Symbol Min Typ Max Unit dc Power Supply Voltage VCC 4.75 5.0 5.25 V PIN Photodetector Supply Voltage (Pin 10)* VPIN VPIN 4.75 –5.25 5.0 –5.0 5.25 –4.75 V V Power Supply Current ICC IPIN — — 80 — 150 1 mA mA Output Data Voltage:† Low High VOL VOH VCC – 1.81 VCC –1.025 VCC – 1.70 VCC – 0.95 VCC – 1.62 VCC – 0.88 V V Output Rise Time/Fall Time: OC-3/STM-1 Versions OC-12/STM-4 Versions tR/tF tR/tF — — 700 350 1400 400 ps ps Output Flag Voltage: OC-3/STM-1 Versions:‡ Low High OC-12/STM-4 Versions:‡ Low High VFL VFH VFL VFH — VCC – 1.025 0 VCC – 0.5 VCC – 1.90 VCC – 1.0 — — VCC – 1.65 — 0.5 VCC V V V V Output Data Current:† Low High IOL IOH — — 5 20 50 50 mA mA Output Flag Current: OC-3/STM-1 Versions: Low High OC-12/STM-4 Versions: Low High IOL IOH IOL IOH — — 0 0 5 20 10 10 50 50 15 15 mA mA mA mA |
Similar Part No. - 1340 |
|
Similar Description - 1340 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |