Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241FALC Datasheet(PDF) 3 Page - Agere Systems

Part # 1241FALC
Description  Uncooled Laser Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

1241FALC Datasheet(HTML) 3 Page - Agere Systems

  1241FALC Datasheet HTML 1Page - Agere Systems 1241FALC Datasheet HTML 2Page - Agere Systems 1241FALC Datasheet HTML 3Page - Agere Systems 1241FALC Datasheet HTML 4Page - Agere Systems 1241FALC Datasheet HTML 5Page - Agere Systems 1241FALC Datasheet HTML 6Page - Agere Systems 1241FALC Datasheet HTML 7Page - Agere Systems 1241FALC Datasheet HTML 8Page - Agere Systems 1241FALC Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
September 1999
Agere Systems Inc.
3
1241/1243/1245-Type Uncooled Laser
Functional Overview (continued)
1-868(C).h
Figure 1. Simplified Transmitter Schematic Input Data
LASER BACK-FACET MONITOR VOLTAGE
15 k•
(2)
(4)
(+)
(–)
15 k•
LASER BIAS MONITOR VOLTAGE
15 k•
(19)
(17)
(+)
(–)
15 k•
BAND GAP
REFERENCE
AUTOMATIC POWER
CONTROL CIRCUITRY
INPUT DATA
COMPARATOR
MODULATION
CIRCUITRY
TEMPERATURE
SENSOR
t
IBF
IBIAS
VCC
LASER
BACK-FACET
DETECTOR
FIBER PIGTAIL
10 •
DATA
(16)
(7)
(15)
TRANSMITTER
DISABLE
VCC – 1.3 V
30 k•
30 k•
DATA
IMOD
Input Data
Data enters the transmitter through a comparator.
These inputs have internal pull-down resistors to a volt-
age reference that is 1.3 V below VCC. This configura-
tion allows the transmitter to be driven from either a
single-ended or a differential input signal. Since the
input is a comparator instead of a gate, the absolute
input signal levels are not important when the inputs
are driven differentially. When driven single-ended,
however, the input signal voltage should be centered
around VCC – 1.3 V to eliminate pulse-width distortion.
With a single-ended input, either input can be used and
the unused input can be left as an open circuit due to
the internal reference shown in Figure 1. The optical
output signal will be in the same sense as the input
data—an input logic high turns the laser diode on and
an input logic low turns the laser diode off. However, if
the negative input is used with a single-ended data
input signal, the optical signal will be the complement
of the data input signal.
The differental inputs of the 1241 Gbit versions are ter-
minated internally with 100
Ω between the DATA and
DATA inputs.
Minimum Data Rate
Because the modulation and bias control circuitry are
influenced by the input data pattern, the standard
transmitter cannot be used in burst-mode type applica-
tions. For burst-mode applications, please contact your
Agere Account Manager. The minimum data rate
(pseudorandom data, 50% average duty cycle) for the
1241/1243/1245-Type Transmitters is approximately
1 Mbit/s.


Similar Part No. - 1241FALC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1241 ETC2-1241 Datasheet
1Mb / 16P
   Drywall Punch
logo
Alpha Wire
1241 ALPHAWIRE-1241 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
logo
Heyco.
1241 HEYCO-1241 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
logo
Schurter Inc.
1241.1022 SCHURTER-1241.1022 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
1241.1032.4 SCHURTER-1241.1032.4 Datasheet
269Kb / 3P
   Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results

Similar Description - 1241FALC

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T92 AGERE-T92 Datasheet
89Kb / 8P
   T92-Type 10 Gbits/s 1300 nm Uncooled DFB Laser Transmitter
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
   Uncooled MQW Laser Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Optoway Technology Inc
FL-3100 OPTOWAY-FL-3100 Datasheet
113Kb / 2P
   1310 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
FL-5100 OPTOWAY-FL-5100 Datasheet
113Kb / 2P
   1550 nm LASER DIODES UNCOOLED MQW-FP LASER DIODES
logo
Agere Systems
A370 AGERE-A370 Datasheet
157Kb / 8P
   A370-Type Analog Uncooled Laser Module
D370 AGERE-D370 Datasheet
53Kb / 8P
   D370-Type Digital Uncooled Laser Module
logo
Agilent(Hewlett-Packard...
LSC3X00 HP-LSC3X00 Datasheet
115Kb / 7P
   14 Pin DIL Uncooled Laser Modules
logo
Bookham, Inc.
MU4-940-04 BOOKHAM-MU4-940-04 Datasheet
209Kb / 3P
   4W 940nm Uncooled Multimode Laser Diode Module
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com