Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FY12B2A040MR-L387L68 Datasheet(PDF) 10 Page - Vincotech

Part # 10-FY12B2A040MR-L387L68
Description  Compact and low inductive design
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY12B2A040MR-L387L68 Datasheet(HTML) 10 Page - Vincotech

Back Button 10-FY12B2A040MR-L387L68 Datasheet HTML 6Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 7Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 8Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 9Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 10Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 11Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 12Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 13Page - Vincotech 10-FY12B2A040MR-L387L68 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10-FY12B2A040MR-L387L68
datasheet
13 Jul. 2016 / Revision 1
10
Copyright Vincotech
Boost Switching Characteristics
figure 5.
MOSFET
figure 6.
MOSFET
Typical swit ching t imes as a f unct ion of drain current
Typical swit ching t imes as a f unct ion of gate resistor
t = f(I D)
t = f(R g)
With an induc tive load at
With an inductive load at
T j =
125
°C
T j =
125
°C
V DS =
700
V
V DS =
700
V
V GS =
+16/0
V
V GS =
+16/0
V
R gon =
4
I D =
32
A
R goff =
4
figure 7.
FWD
figure 8.
FWD
Typical reverse recovery t ime as a f unction of drain current
Typical reverse recovery t ime as a f unct ion of MOSFET turn on gat e resist or
t rr = f(I D)
t rr = f(R gon)
At
V DS =
700
V
25
°C
At
V DS =
700
V
25
°C
V GS =
+16/0
V
T j:
125 °C
V GS =
+16/0
V
T j:
125 °C
R gon =
4
I D =
32
A
td(off)
tf
td(on)
tr
0,001
0,01
0,1
1
0
8
16
24
32
40
48
56
64
IIIIDDDD(A
(A
(A
(A ))))
td(off)
tf
td(on)
tr
0,001
0,01
0,1
1
0
2
4
6
8
10
12
14
16
18
R
R
R
Rgggg ((((Ω)
Ω)
Ω)
Ω)
trr
trr
0
0,002
0,004
0,006
0,008
0,01
0
2
4
6
8
10
12
14
16
18
R
R
R
Rgon
g on
g on
g on (
(((Ω)
Ω)
Ω)
Ω)
trr
trr
0
0,003
0,006
0,009
0,012
0
8
16
24
32
40
48
56
64
IIIIDDDD (A)
(A)
(A)
(A)


Similar Part No. - 10-FY12B2A040MR-L387L68

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY12B2A040MR02-L387L63 VINCOTECH-10-FY12B2A040MR02-L387L63 Datasheet
371Kb / 7P
   High frequency SiC MOSFET
More results

Similar Description - 10-FY12B2A040MR-L387L68

ManufacturerPart #DatasheetDescription
logo
Vincotech
30-P2126PA050SC-L287F09Y VINCOTECH-30-P2126PA050SC-L287F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-F212PMA100M701-L880A70 VINCOTECH-30-F212PMA100M701-L880A70 Datasheet
2Mb / 35P
   Compact and low inductive design
30-P2126PA100SC-L289F09Y VINCOTECH-30-P2126PA100SC-L289F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA100NB-L289F69Y VINCOTECH-30-P2126PA100NB-L289F69Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150SC-L280F09Y VINCOTECH-30-P2126PA150SC-L280F09Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA075NB-L288F69Y VINCOTECH-30-P2126PA075NB-L288F69Y Datasheet
1Mb / 17P
   Compact and low inductive design
30-P2126PA050NB-L287F69Y VINCOTECH-30-P2126PA050NB-L287F69Y Datasheet
926Kb / 16P
   Compact and low inductive design
30-P2126PA075SC-L288F09Y VINCOTECH-30-P2126PA075SC-L288F09Y Datasheet
1Mb / 16P
   Compact and low inductive design
30-P2126PA150NB-L280F69Y VINCOTECH-30-P2126PA150NB-L280F69Y Datasheet
464Kb / 7P
   Compact and low inductive design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com