Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-PY07HVA050S5-L984F08Y Datasheet(PDF) 4 Page - Vincotech

Part # 10-PY07HVA050S5-L984F08Y
Description  For one-phase solar applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-PY07HVA050S5-L984F08Y Datasheet(HTML) 4 Page - Vincotech

  10-PY07HVA050S5-L984F08Y Datasheet HTML 1Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 2Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 3Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 4Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 5Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 6Page - Vincotech 10-PY07HVA050S5-L984F08Y Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
10-FY07HVA050S5-L984F08
10-PY07HVA050S5-L984F08Y
target datasheet
26 Jul. 2016 / Revision 1
4
Copyright Vincotech
Characteristic Values
Parameter
Symbol
Conditions
Value
Unit
VGE [V]
VGS [V]
VCE [V]
VDS [V]
VF [V]
IC [A]
ID [A]
IF [A]
Tj [°C]
Min
Typ
Max
Buck Diode / High Boost Diode / Low Boost Diode
Static
Forward voltage
VF
30
25
1,35
1,7
V
Reverse leakage current
Ir
650
25
1,6
µA
Thermal
Thermal resistance junction to sink
Rth(j-s)
phase-change
material
λ = 3,4 W/mK
1,87
K/W
Thermistor
Rated resistance
R
25
22
kΩ
Deviation of R100
ΔR/R
R100 = 1484 Ω
100
-5
5
%
Power dissipation
P
25
5
mW
Power dissipation constant
25
1,5
mW/K
B-value
B(25/50)
Tol. ±1 %
25
3962
K
B-value
B(25/100)
Tol. ±1 %
25
4000
K
Vincotech NTC Reference
I


Similar Part No. - 10-PY07HVA050S5-L984F08Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-PY07HVA075S5-L985F08Y VINCOTECH-10-PY07HVA075S5-L985F08Y Datasheet
308Kb / 7P
   Innovative H6.5 topology
More results

Similar Description - 10-PY07HVA050S5-L984F08Y

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07HVA100S5-L986F08 VINCOTECH-10-FY07HVA100S5-L986F08 Datasheet
314Kb / 7P
   For one-phase solar applications
logo
PREMO CORPORATION S.L
STF PREMO-STF Datasheet
182Kb / 2P
   Three PhaseNeutral Filters For Solar Technology Applications
FVTC PREMO-FVTC Datasheet
303Kb / 3P
   Three Phase One Stage Filter for Motor Drive Applications
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
Schneider Electric
SC3042M200PS SCHNEIDER-SC3042M200PS Datasheet
112Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
SC42M200PS SCHNEIDER-SC42M200PS Datasheet
90Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
SC2040M200PS SCHNEIDER-SC2040M200PS Datasheet
103Kb / 2P
   ALL-IN-ONE RING OH/UG SURFACE 200A SOLAR
logo
PREMO CORPORATION S.L
FVRB PREMO-FVRB Datasheet
244Kb / 3P
   Three Phase One Stage Filter for Regenerative Converters
logo
TEMIC Semiconductors
U490B TEMIC-U490B Datasheet
84Kb / 6P
   One-Shot Phase Control
logo
PREMO CORPORATION S.L
FVSB PREMO-FVSB Datasheet
249Kb / 2P
   Three Phase One Stage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com