Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

325541008-50 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 325541008-50
Description  Piezoresistive silicon micromachined sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325541008-50 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  325541008-50 Datasheet HTML 1Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 2Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 3Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 4Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 5Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 6Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 7Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 8Page - TE Connectivity Ltd 325541008-50 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MS5541-30C
Miniature 14 bar Module
SENSOR SOLUTIONS ///MS5541C
09/2015
Page 2
FEATURES
FIELD OF APPLICATION
Diving computers and watches
Mobile water depth and measurement systems
High endurance pad technology (HM version)
TECHNICAL DATA
Sensor Performances (VDD = 3 V)
Pressure
Min
Typ
Max
Unit
Range
0
14
bar
ADC
16
bit
Resolution
1.2
mbar
Accuracy 0°C to +40°C,
0 to 10 bar
-50
+20
mbar
Accuracy -40°C to +85°C
0 to 10 bar
-60
+180
mbar
Response time
35
ms
Long term stability
20
mbar/yr
Temperature
Min
Typ
Max
Unit
Range
-40
+85
°C
Resolution
0.005
0.015
°C
Accuracy
-0.8
+0.8
°C
FUNCTIONAL BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC


Similar Part No. - 325541008-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325541010-00 TEC-325541010-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-00 TEC-325541030-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
325541030-50 TEC-325541030-50 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - 325541008-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS52XX TEC-MS52XX Datasheet
334Kb / 11P
   Piezoresistive silicon micromachined sensor
MS5534C TEC-MS5534C Datasheet
592Kb / 22P
   Piezoresistive silicon micromachined sensor
MS5535C TEC-MS5535C Datasheet
522Kb / 22P
   Piezoresistive silicon micromachined sensor
logo
All Sensors Corporation
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
   Silicon Piezoresistive Pressure Sensor
logo
All Sensors Corporation
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
   Piezoresistive Silicon Pressure Sensor
logo
Siemens Semiconductor G...
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
   Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
   Silicon Piezoresistive Absolute Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com