Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

325540009-50 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 325540009-50
Description  6 coefficients for software compensation stored on-chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325540009-50 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 325540009-50 Datasheet HTML 6Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 7Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 8Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 9Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 10Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 11Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 12Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 13Page - TE Connectivity Ltd 325540009-50 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MS5540C
Miniature Barometer Module
SENSOR SOLUTIONS ///MS5540C
09/2015
Page 10
FUNCTION
GENERAL
The MS5540C consists of a piezo-resistive sensor and a sensor interface IC. The main function of the MS5540C is
to convert the uncompensated analogue output voltage from the piezo-resistive pressure sensor to a 16-bit digital
value, as well as providing a 16-bit digital value for the temperature of the sensor.
Measured pressure (16-bit)
“D1”
Measured temperature (16-bit)
“D2”
As the output voltage of a pressure sensor is strongly dependent on temperature and process tolerances, it is
necessary to compensate for these effects. This compensation procedure must be performed by software using an
external microcontroller.
For both pressure and temperature measurement the same ADC is used (sigma delta converter):
for the pressure measurement, the differential output voltage from the pressure sensor is converted
for the temperature measurement, the sensor bridge resistor is sensed and converted
During both measurements the sensor will only be switched on for a very short time in order to reduce power
consumption. As both, the bridge bias and the reference voltage for the ADC are derived from VDD, the digital output
data is independent of the supply voltage.
FACTORY CALIBRATION
Every module is individually factory calibrated at two temperatures and two pressures. As a result, 6 coefficients
necessary to compensate for process variations and temperature variations are calculated and stored in the 64-bit
PROM of each module. These 64-bit (partitioned into four words of 16-bit) must be read by the microcontroller
software and used in the program converting D1 and D2 into compensated pressure and temperature values.
PRESSURE AND TEMPERATURE MEASUREMENT
The sequence of reading pressure and temperature as well as of performing the software compensation is depicted
in Fig. 3 and Fig. 5.
First Word1 to Word4 have to be read through the serial interface. This can be done once after reset of the
microcontroller that interfaces to the MS5540C. Next, the compensation coefficients C1 to C6 are extracted using
bit-wise logical- and shift-operations (refer to Fig. 4 for the bit-pattern of Word1 to Word4).
For the pressure measurement, the microcontroller has to read the 16-bit values for pressure (D1) and
temperature (D2) via the serial interface in a loop (for instance every second). Then, the compensated pressure is
calculated out of D1, D2 and C1 to C6 according to the algorithm in Fig. 3 (possibly using quadratic temperature
compensation according to Fig. 5). All calculations can be performed with signed 16-bit variables. Results of
multiplications may be up to 32-bit long (+sign). In the flow according to Fig. 3 a division follows each
multiplication. This division can be performed by bit-wise shifting (divisors are to the power of 2). It is ensured that
the results of these divisions are less than 65536 (16 bit).
For the timing of signals
to read out Word1 to Word4, D1, and D2 please refer to the paragraph “Serial Interface".
Sensor
D1
D2
Word 1..4
Calculation
in external
micro-
controller
Pressure
Temperature


Similar Part No. - 325540009-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
325541008-00 TEC-325541008-00 Datasheet
372Kb / 21P
   Piezoresistive silicon micromachined sensor
325541008-50 TEC-325541008-50 Datasheet
372Kb / 21P
   Piezoresistive silicon micromachined sensor
325541009-00 TEC-325541009-00 Datasheet
372Kb / 21P
   Piezoresistive silicon micromachined sensor
325541009-50 TEC-325541009-50 Datasheet
372Kb / 21P
   Piezoresistive silicon micromachined sensor
325541010-00 TEC-325541010-00 Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
More results

Similar Description - 325540009-50

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5541-30C TEC-MS5541-30C Datasheet
431Kb / 19P
   6 coefficients for software compensation stored on-chip
logo
ATMEL Corporation
AT90USB162 ATMEL-AT90USB162_14 Datasheet
195Kb / 28P
   Software Entry-points for on-chip flash drivers
AT90USB82 ATMEL-AT90USB82_14 Datasheet
195Kb / 28P
   Software Entry-points for on-chip flash drivers
AT90USB64X ATMEL-AT90USB64X_14 Datasheet
195Kb / 28P
   Software Entry-points for on-chip flash drivers
AT90USB128X ATMEL-AT90USB128X_14 Datasheet
195Kb / 28P
   Software Entry-points for on-chip flash drivers
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
375Kb / 28P
   Real Time Clock with On Chip 짹5ppm Temp Compensation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Micross Components
FFP30S60S MICROSS-FFP30S60S Datasheet
736Kb / 3P
   Low Stored Charge
logo
PHOENIX CONTACT
2700950 PHOENIX-2700950 Datasheet
57Kb / 2P
   Software - WEBVISIT 6 BASIC-PRO
logo
NARADA POWER SOURCE CO....
NPFC NARADA-NPFC Datasheet
1Mb / 2P
   stored energy solutions for a demanding world
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com