Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDL212PU15R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDL212PU15R
Description  High PSRR, low drop linear regulator IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL212PU15R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDL212PU15R Datasheet HTML 4Page - STMicroelectronics LDL212PU15R Datasheet HTML 5Page - STMicroelectronics LDL212PU15R Datasheet HTML 6Page - STMicroelectronics LDL212PU15R Datasheet HTML 7Page - STMicroelectronics LDL212PU15R Datasheet HTML 8Page - STMicroelectronics LDL212PU15R Datasheet HTML 9Page - STMicroelectronics LDL212PU15R Datasheet HTML 10Page - STMicroelectronics LDL212PU15R Datasheet HTML 11Page - STMicroelectronics LDL212PU15R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
LDL212
8/28
DocID028297 Rev 2
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VEN = GND VIN = 18 V
ISC
Short-circuit
current
RL = 0
1.5
2
A
VEN
Enable input
logic low
VIN = 2.5 V to 18 V
-40 °C < TJ < 85 °C
0.4
V
Enable input
logic high
VIN = 2.5 V to 18 V
-40 °C < TJ < 85 °C
1.2
IEN
Enable input
current
1.5
µA
VEN = VIN , VIN = 18 V
16
20
TON
Turn-on
time (2)
120
µs
TSHDN
Thermal
shutdown
175
°C
Hysteresis
25
Notes:
(1) Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value. This specification is not valid for output voltages below 2.2 V.
(2) Turn-on time is the time measured between the enable input just exceeding VEN high value and the output
voltage just reaching 95% of its nominal value.


Similar Part No. - LDL212PU15R

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL25DU CINCON-LDL25DU Datasheet
503Kb / 2P
   25 WATT SINGLE OUTPUT LED POWER SUPPLY
More results

Similar Description - LDL212PU15R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB Datasheet
1Mb / 19P
   High PSRR Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-08-26
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
   Low-Noise, High-PSRR, 250mA Linear Regulator
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com