Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393122-3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part No. 4-1393122-3
Description  Two and four pole form C contact arrangements
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 1 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil Data
Coil voltage range
5 to 240VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
ReleaseCoil
Rated coil
code
voltage
voltagevoltage
resistance
power
VDC
VDC
Ω±10%
mW
5
5
3.75
32
800
6
6
4.5
40
900
12
12
9.0
160
900
24
24
18.0
650
850
48
48
36.0
2600
900
110
110
82.5
11000
1100
220/240
Use 110V relay with series dropping
5W resistor of 11KΩ
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
6
6
5.1
10.5
1.2
12
12
10.2
43
1.2
24
24
20.4
160
1.25
48
48
40.8
668
1.2
120
120
102.0
3900
1.35
240
240
204.0
12000
1.5
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
1500Vrms
between adjacent contacts
1500Vrms
between coil and frame
1500Vrms
Initial insulation resistance
between insulated elements
100MΩ at 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-45ºC to 70ºC
Category of environmental protection
IEC 61810
RTI - dust protected
n
Compact package
n
Two and four pole form C contact arrangements
n
Polycarbonate or nylon dust cover
n
Various mounting configurations
n
Indicator lamp and push-to-reset options available
n
Various contact materials available for specific load requirements
Typical applications
Industrial sewing/stitching machines, fitness, elevators, pumps, robotics,
solar panels
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (2CO), 4 form C (4CO)
Rated voltage
240VAC
Rated current
1-5A
Contact material
Ag, AgCdO, Au-AgNi,
Au overlay Ag, Au diffused Ag
Contact style
Single contact or bifurcated crossbar
Min. recommended contact load
Ag (single contact)
100mA, 12VDC
AgCdO (single contact)
300mA, 12VDC
Au-AgNi (single contact)
10mA, 12VDC
Au overlay Ag (bifurcated crossbar)
Dry circuit
Au diffused Ag (single contact)
50mA, 12VDC
Initial contact resistance
Ag, AdCdO
100mΩ
Au-AgNi, Au overlay Ag, Au diffused Ag
200mΩ
Frequency of operation
360 ops./hour
Operate/release time max.
13/6ms
Contact ratings
Type
Load
Cycles
UL 508
Ag
5A, 120VAC, general purpose
2.5A, 240VAC, general purpose
1/10HP, 120/240VAC
180VA, 250VAC, pilot duty
42VA, 28VDC, pilot duty
AgCdO
5A, 240VAC, general purpose
5A, 28VDC, resistive
1/10HP, 120/240VAC
180VA, 250VAC, pilot duty
42VA, 28VDC, pilot duty
Au-AgNi
2A, 120VAC, resistive
Au overlay Ag
1A, 120VAC
1A, 30VDC
Au diffused Ag 5A, 120VAC, general purpose
2.5A, 240VAC, general purpose
1/10HP, 120/240VAC
180VA, 250VAC, pilot duty
42VA, 28VDC, pilot duty
Note: The relay should only carry ≤15A continuously (all poles combined).
Mechanical endurance
10x106 ops.
C
U




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl