Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393122-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part No. 4-1393122-3
Description  Two and four pole form C contact arrangements
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 3 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Product Code
Arrangement
Contact Material
Coil
Terminals
Options
Part Number
KHAU-11A11-120
2 form C, 2 CO
Ag
120VAC
Solder/Plug-in
None
1-1393122-0
KHAU-11D11-24
24VDC
1-1393122-5
KHAE-17D12-24
4 form C, 4 CO
AgCdO
PCB
1393122-1
KHAU-17A11-12
Ag
12VAC
Solder/Plug-in
1-1393122-9
KHAU-17A11-24
24VAC
Solder
2-1393122-1
KHAU-17A11-120
120VAC
2-1393122-0
KHAU-17A11N-120
Indicator
2-1393122-6
KHAU-17A12-120
AgCdO
None
2-1393122-8
KHAU-17A13-120
Au-Ag-Ni
3-1393122-6
KHAU-17A16-24
Bifurcated, Au overlay Ag
24VAC
3-1393122-8
KHAU-17A16-120
Ag
120VAC
3-1393122-7
KHAU-17A18-120
Au diffused Ag
3-1393122-9
KHAU-17D11-6
Ag
6VDC
4-1393122-7
KHAU-17D11-12
12VDC
4-1393122-3
KHAU-17D11-24
24VDC
4-1393122-4
KHAU-17D11-48
48VDC
4-1393122-5
KHAU-17D11-110
110VDC
4-1393122-2
KHAU-17D12-12
AgCdO
12VDC
5-1393122-5
KHAU-17D12-24
24VDC
5-1393122-7
KHAU-17D12-48
48VDC
5-1393122-8
KHAU-17D12-110
110VDC
5-1393122-4
KHAU-17D16-12
Bifurcated, Au overlay Ag
12VDC
7-1393122-0
KHAU-17D16-24
24VDC
7-1393122-1
KHU-17A11N-120
Ag
120VAC
Indicator, Old Const.
2-1393123-8
KHU-17D11-12
12VDC
Old Construction
4-1393123-0
KHU-17D12-24
AgCdO
24VDC
4-1393123-8
Product code structure
Typical product code
KHA
U
-17
A
1
1
B
-120
Type
KHA
General purpose multi-contact relay
Note: Some KHA models available in KH construction. Specify KH instead of KHA.
Version
E
Printed circuit terminals, nylon dust cover, contacts rated opposite polarity (UL & CSA)
U
Solder terminals, clear polycarbonate dust cover, contacts rated same polarity (UL & CSA)
F
Printed circuit terminals, nylon dust cover, contacts rated same polarity (UL & CSA)
X
Solder terminals, clear polycarbonate dust cover, contacts rated opposite polarity (UL & CSA)
Contact arrangement
11 2 form C (2CO)
17 4 form C (4CO)
Coil input
A
AC
D
DC
Mounting and termination
1
Socket mount, solder terminals on U versions; printed circuit terminals on E versions
T
Top flange mount, solder terminals on U versions: printed circuit terminals on E versions
Note 1: Mounting options with solder terminals and stud on narrow, broad and end side on request
Contact material
1
Ag
2
AgCdO
3
Au-AgNi (Note 2)
6
Bifurcated crossbar, Au overlay Ag
8
Au diffused Ag
Note 2: contact material code 3 is not available with relay version E
Options
B
Push to test button. (not available on version E relays with 4 form C contacts)
N
Neon indicator. Only available with version U, 120VAC or 110VDC coils.
H
Neon indicator and push to test button. Only available with version U, 120VAC or 110VDC coils
L
LED indicator. Only available with version U, 6-48VAC or VDC coils.
M
LED indicator and push to test button. Only available with version U, 6-46VAC or VDC coils.
Coil voltage
Coil code: please refer to coil versions table




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl