Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4-1393122-7 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part No. 4-1393122-7
Description  Two and four pole form C contact arrangements
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 2 page
background image
General Purpose Relays
Industrial Relays
KHA Series Panel Plug-in Relay (Continued)
07-2016, Rev. 0716
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Accessories
For details see datasheet
Sockets and Accessories, KHA Relays
Product Code
Description
27E894
DIN socket (use 20C426 clip)
27E166
Panel/track mount socket (use 20C297 clip)
27E006
Solder/grounding socket (use 20C217 clip)
27E007
PCB/grounding socket (use 20C217 clip)
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Other Data (continued)
Terminal type
solder/plug-in .105” (2.67mm),
pcb-tht .112” (2.84mm)
Weight
45g
Packaging/unit
tray/50 pcs., box/250pcs.
Dimensions
KHAU and KHAX types
PCB terminals
KHAE and KHAF types
Terminal assignment
2 form C
4 form C
PCB layout
Bottom view on solder pins
4 pole version
.180 DIA.
BOSSES (4.57)
.265 ±.046
(6.73 ±1.17)
1 2 3 4
5 6 7 8
9 10 11 12
.859 MAX.
(21.82)
.168 ±020
(4.27 ±.51)
.168
(4.27)
.421 ±.046
(10.69 ±1.17)
.525
(13.34)
.263
(6.68)
.313
(7.95)
.797 ±.020
(20.24 ±.51)
.040 ±.010
(1.02 ±.25)
.250
(6.35)
.125 DIA.
(3.18)
1.281 MAX.
(32.54)
1.600 MAX WITH
INDICATOR LAMP
(38.10)
#3-48
THREAD
.219
(5.56)
Printed circuit terminal thickness .022 (.558)
.112
(2.84)
.052 REF.
(1.32)
.047
REF.
(1.19)
.750
(19.05)
.312 ± .031
(7.92 ± .79)
13
4
8
12
1
5
9
14
4
8
12
3
7
11
2
6
10
1
5
9
13
14
-
+
-
+
.160
(4.06)
14
PLACES
.070 DIA.
(1.78)
.410
(10.41)
.660
(16.76)
.175
(4.45)
.350
(8.89)
.525
(13.34)
Polarity shown for LED indicator




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl