Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT152-400R Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # BT152-400R
Description  The BT152 is suitable for motor control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT152-400R Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  BT152-400R Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT152-400R Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT152-400R Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 5
ABSOLUTE MAXIMUM RATING (TJ = 25°C, unless otherwise stated)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltages
BT15
2(F)-400R
VDRM, VRRM
450
V
BT15
2(F)-650R
650
BT15
2(F)-800R
800
Average On-State Current (half sine wave; Tmb ≤10
3°C)
IT(AV)
13
A
RMS on-State Current (all conduction angles)
IT(RMS)
20
A
Non-Repetitive Peak On-State Current
(half sine wave; TJ = 25 °C prior to surge)
t = 10 ms
ITSM
200
A
t = 8.3 ms
220
I
2t for Fusing (t = 10 ms)
I
2t
200
A
2s
Repetitive Rate of Rise of On-State Current After Triggering
(ITM =
50 A; IG = 0.2 mA; dIG /dt = 0.2 mA/μs)
dIT /dt
200
A/μs
Peak Gate Current
IGM
5
A
Peak Gate Voltage
VGM
5
V
Peak Reverse Gate Voltage
VRGM
5
V
Peak Gate Power
PGM
20
W
Average Gate Power (Over any 20 ms period)
PG(AV)
0.5
W
Operating Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-40 ~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
STATIC CHARACTERISTICS (TJ = 25°C, unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Gate Trigger Current
IGT
VD = 12 V, IT = 0.1 A
4
5
mA
Latching Current
IL
VD = 12 V, IGT = 0.1 A
13
80
mA
Holding Current
IH
VD = 12 V, IGT = 0.1 A
12
60
mA
On-State Voltage
1.
4
1.75
V
Gate Trigger Voltage
VGT
VD = 12 V, IT = 0.1 A
VD = VDRM(max) , IT = 0.1 A, TJ = 125 °C
0.
25
0.
7
0.
4
1.5
V
Off-State Leakage Current
ID , IR
VD = VDRM(max) , VR = VRRM(max) ,TJ = 125°C
0.
2
1.0
mA
DYNAMIC CHARACTERISTICS (TJ = 25°C, unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNIT
Critical Rate of Rise of
Off-State Voltage
dVD /dt
VDM = 67% VDRM(max), TJ = 125 °C,
exponential waveform;
Gate open circuit
300
V/μs
200
Gate Controlled Turn-on
Time
tGT
ITM = 40 A, VD = VDRM(max), IG = 0.1 A,
dIG /dt = 5 A/μs
2
μs
Circuit Commutated
Turn-off tIme
tQ
ITM =
50 A, VR = 25 V, dITM /dt = 30 A/μs,
dVD /dt = 50 V/μs, RGK = 100 Ω
70
μs
Mar.2015-REV.00
www.sddydz.com
PARAMETER
MIN
SYMBOL
TYP
MAX
UNIT
Junction to Ambient
In Free Air
θJA
60
K/W
Thermal Resistance Junction to Mounting Base
θJMB
1.1
K/W
VT
T=
I 40A
2 Series R


Similar Part No. - BT152-400R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT152-400R PHILIPS-BT152-400R Datasheet
43Kb / 6P
   Thyristors
March 1997 Rev 1.200
logo
Comset Semiconductor
BT152-400R COMSET-BT152-400R Datasheet
172Kb / 3P
   THYRISTORS
logo
WeEn Semiconductors
BT152-400R WEEN-BT152-400R Datasheet
259Kb / 12P
   SCR
logo
Inchange Semiconductor ...
BT152-400R ISC-BT152-400R Datasheet
281Kb / 2P
   isc Thyristors
More results

Similar Description - BT152-400R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
   The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
logo
NXP Semiconductors
68HC705RC16 NXP-68HC705RC16 Datasheet
1Mb / 120P
   The MC68HC705RC16 is a low-cost addition to the M68HC05 Family of microcontrollers (MCUs) and is suitable for remote control applications.
Rev. 3.0
logo
Ohmite Mfg. Co.
SINK-CSM OHMITE-SINK-CSM Datasheet
411Kb / 2P
   The economically priced CSM Series is suitable
logo
King blillion Electroni...
HE83R125 KB-HE83R125 Datasheet
322Kb / 18P
   This chip is suitable for the applications that require higher performance
logo
STMicroelectronics
UM1559 STMICROELECTRONICS-UM1559 Datasheet
530Kb / 13P
   The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
logo
NXP Semiconductors
68HC705RC17 NXP-68HC705RC17 Datasheet
1Mb / 126P
   The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
REV. 2.0
logo
KODENSHI_AUK CORP.
S4580 KODENSHI-S4580 Datasheet
348Kb / 7P
   dudal operational amplifer, speciallydesigned for improving the tone cotrol, which is most suitable for the audio application
logo
King blillion Electroni...
HE83R123 KB-HE83R123 Datasheet
323Kb / 18P
   oscillator clocks. This chip is suitable for the applications that require higher performance
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
WAGO Kontakttechnik Gmb...
221-2411 WAGO-221-2411 Datasheet
365Kb / 5P
   This connector is suitable for worldwide installations.
28.05.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com