Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT151-650R Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # BT151-650R
Description  Typical applications include motor control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT151-650R Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  BT151-650R Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT151-650R Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT151-650R Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT151-650R Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT151-650R Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ITO-220 Mechanical Drawing
5 of 5
TO-220 Mechanical Drawing
Mar,2015-REV.00
www.sddydz.com
Series


Similar Part No. - BT151-650R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-650R PHILIPS-BT151-650R Datasheet
43Kb / 6P
   Thyristors
September 1997 Rev 1.200
BT151-650R NXP-BT151-650R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 650 V, SOT78
Rev. 05-27 February 2009
logo
Tiger Electronic Co.,Lt...
BT151-650R TGS-BT151-650R Datasheet
68Kb / 1P
   Triacs sensitive gate
logo
Comset Semiconductor
BT151-650R COMSET-BT151-650R Datasheet
172Kb / 3P
   THYRISTORS
logo
WeEn Semiconductors
BT151-650R WEEN-BT151-650R Datasheet
216Kb / 12P
   SCR
More results

Similar Description - BT151-650R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4AEGBU4450A1WJ KEMET-C4AEGBU4450A1WJ Datasheet
674Kb / 9P
   Typical applications include DC filtering and energy storage.
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Panasonic Semiconductor
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
   TYPICAL APPLICATIONS
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com